Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 98 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 98 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 94Page - Intel Corporation JS28F640P30B85 Datasheet HTML 95Page - Intel Corporation JS28F640P30B85 Datasheet HTML 96Page - Intel Corporation JS28F640P30B85 Datasheet HTML 97Page - Intel Corporation JS28F640P30B85 Datasheet HTML 98Page - Intel Corporation JS28F640P30B85 Datasheet HTML 99Page - Intel Corporation JS28F640P30B85 Datasheet HTML 100Page - Intel Corporation JS28F640P30B85 Datasheet HTML 101Page - Intel Corporation JS28F640P30B85 Datasheet HTML 102Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
98
Order Number: 306666, Revision: 001
Table 38.
Protection Register Information
Table 39.
Burst Read Information
Offset
(1)
Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add.
Code
Value
(P+E)h
1
118:
--02
2
(P+F)h
4
Protection Field 1: Protection Description
119:
--80
80h
(P+10)h
This field describes user-available One Time Programmable
11A:
--00
00h
(P+11)h
(OTP) Protection register bytes. Some are pre-programmed
11B:
--03
8 byte
(P+12)h
11C:
--03
8 byte
(P+13)h
10
Protection Field 2: Protection Description
11D:
--89
89h
(P+14)h
11E:
--00
00h
(P+15)h
11F:
--00
00h
(P+16)h
120:
--00
00h
(P+17)h
121:
--00
0
(P+18)h
bits 40–47 = “n”
∴ n = factory pgm'd groups (high byte)
122:
--00
0
(P+19)h
123:
--00
0
(P+1A)h
124:
--10
16
(P+1B)h
125:
--00
0
(P+1C)h
126:
--04
16
bits 48–55 = “n” \ 2n = factory programmable bytes/group
bits 56–63 = “n”
∴ n = user pgm'd groups (low byte)
bits 64–71 = “n”
∴ n = user pgm'd groups (high byte)
bits 72–79 = “n”
∴ 2n = user programmable bytes/group
with device-unique serial numbers. Others are user
programmable. Bits 0–15 point to the Protection register Lock
byte, the section’s first byte. The following bytes are factory
pre-programmed and user-programmable.
bits 0–7 = Lock/bytes Jedec-plane physical low address
bits 8–15 = Lock/bytes Jedec-plane physical high address
bits 16–23 = “n” such that 2
n = factory pre-programmed bytes
bits 24–31 = “n” such that 2
n = user programmable bytes
Bits 0–31 point to the Protection register physical Lock-word
address in the Jedec-plane.
Following bytes are factory or user-programmable.
bits 32–39 = “n”
∴ n = factory pgm'd groups (low byte)
Number of Protection register fields in JEDEC ID space.
“00h,” indicates that 256 protection fields are available
Offset
(1)
Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add.
Code
Value
(P+1D)h
1
127:
--03
8 byte
(P+1E)h
1
128:
--04
4
(P+1F)h
1
129:
--01
4
(P+20)h
1
Synchronous mode read capability configuration 2
12A:
--02
8
(P+21)h
1
Synchronous mode read capability configuration 3
12B:
--03
16
(P+22)h
1
Synchronous mode read capability configuration 4
12C:
--07
Cont
Page Mode Read capability
bits 0–7 = “n” such that 2
n HEX value represents the number of
read-page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates no
read page buffer.
Number of synchronous mode read configuration fields that
follow. 00h indicates no burst capability.
Synchronous mode read capability configuration 1
Bits 3–7 = Reserved
bits 0–2 “n” such that 2
n+1 HEX value represents the
maximum number of continuous synchronous reads when
the device is configured for its maximum word width. A value
of 07h indicates that the device is capable of continuous
linear bursts that will output data until the internal burst
counter reaches the end of the device’s burstable address
space. This field’s 3-bit value can be written directly to the
Read Configuration Register bits 0–2 if the device is
configured for its maximum word width. See offset 28h for
word width to determine the burst data output width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com