Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 75 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 75 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 71Page - Intel Corporation JS28F640P30B85 Datasheet HTML 72Page - Intel Corporation JS28F640P30B85 Datasheet HTML 73Page - Intel Corporation JS28F640P30B85 Datasheet HTML 74Page - Intel Corporation JS28F640P30B85 Datasheet HTML 75Page - Intel Corporation JS28F640P30B85 Datasheet HTML 76Page - Intel Corporation JS28F640P30B85 Datasheet HTML 77Page - Intel Corporation JS28F640P30B85 Datasheet HTML 78Page - Intel Corporation JS28F640P30B85 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
75
14.0
Special Read States
The following sections describe non-array read states. Non-array reads can be performed in
asynchronous read or synchronous burst mode. A non-array read operation occurs as asynchronous
single-word mode. When non-array reads are performed in asynchronous page mode only the first
data is valid and all subsequent data are undefined. When a non-array read operation occurs as
synchronous burst mode, the same word of data requested will be output on successive clock edges
until the burst length requirements are satisfied.
Refer to the following waveforms for more detailed information:
• Figure 16, “Asynchronous Single-Word Read (ADV# Low)” on page 38
• Figure 17, “Asynchronous Single-Word Read (ADV# Latch)” on page 38
• Figure 19, “Synchronous Single-Word Array or Non-array Read Timing” on page 39
14.1
Read Status Register
To read the Status Register, issue the Read Status Register command at any address. Status Register
information is available to which the Read Status Register, Word Program, or Block Erase
command was issued. Status Register data is automatically made available following a Word
Program, Block Erase, or Block Lock command sequence. Reads from the device after any of these
command sequences outputs the device’s status until another valid command is written (e.g. Read
Array command).
The Status Register is read using single asynchronous-mode or synchronous burst mode reads.
Status Register data is output on DQ[7:0], while 0x00 is output on DQ[15:8]. In asynchronous
mode the falling edge of OE#, or CE# (whichever occurs first) updates and latches the Status
Register contents. However, reading the Status Register in synchronous burst mode, CE# or ADV#
must be toggled to update status data.
The Device Write Status bit (SR[7]) provides overall status of the device. Status register bits
SR[6:1] present status and error information about the program, erase, suspend, VPP, and block-
locked operations.
Table 28.
Status Register Description (Sheet 1 of 2)
Status Register (SR)
Default Value = 0x80
Device
Write Status
Erase
Suspend
Status
Erase
Status
Program
Status
VPP Status
Program
Suspend
Status
Block-
Locked
Status
BEFP
Status
DWS
ESS
ES
PS
VPPS
PSS
BLS
BWS
7
654
32
10
Bit
Name
Description
7
Device Write Status
(DWS)
0 = Device is busy; program or erase cycle in progress; SR[0] valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status
(ESS)
0 = Erase suspend not in effect.
1 = Erase suspend in effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com