Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 84 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 84 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 80Page - Intel Corporation JS28F640P30B85 Datasheet HTML 81Page - Intel Corporation JS28F640P30B85 Datasheet HTML 82Page - Intel Corporation JS28F640P30B85 Datasheet HTML 83Page - Intel Corporation JS28F640P30B85 Datasheet HTML 84Page - Intel Corporation JS28F640P30B85 Datasheet HTML 85Page - Intel Corporation JS28F640P30B85 Datasheet HTML 86Page - Intel Corporation JS28F640P30B85 Datasheet HTML 87Page - Intel Corporation JS28F640P30B85 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
84
Order Number: 306666, Revision: 001
5.
The Clear Status command only clears the error bits in the status register if the device is not in the following modes: WSM
running (Pgm Busy, Erase Busy, Pgm Busy In Erase Suspend, OTP Busy, BEFP modes).
6.
BEFP writes are only allowed when the status register bit #0 = 0, or else the data is ignored.
7.
The "current state" is that of the "chip" and not of the "partition"; Each partition "remembers" which output (Array, ID/CFI or
Status) it was last pointed to on the last instruction to the "chip", but the next state of the chip does not depend on where
the partition's output mux is presently pointing to.
8.
Confirm commands (Lock Block, Unlock Block, Lock-Down Block, Configuration Register) perform the operation and then
move to the Ready State.
9.
WA0 refers to the block address latched during the first write cycle of the current operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com