Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 51 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 51 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 47Page - Intel Corporation JS28F640P30B85 Datasheet HTML 48Page - Intel Corporation JS28F640P30B85 Datasheet HTML 49Page - Intel Corporation JS28F640P30B85 Datasheet HTML 50Page - Intel Corporation JS28F640P30B85 Datasheet HTML 51Page - Intel Corporation JS28F640P30B85 Datasheet HTML 52Page - Intel Corporation JS28F640P30B85 Datasheet HTML 53Page - Intel Corporation JS28F640P30B85 Datasheet HTML 54Page - Intel Corporation JS28F640P30B85 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
51
9.3
Command Definitions
Valid device command codes and descriptions are shown in Table 21.
Protection
Program Protection Register
2
Write
PRA
0xC0
Write
PRA
PD
Program Lock Register
2
Write
LRA
0xC0
Write
LRA
LRD
Configuration
Program Read Configuration
Register
2
Write
RCD
0x60
Write
RCD
0x03
Notes:
1.
First command cycle address should be the same as the operation’s target address.
DBA = Device Base Address (NOTE: needed for 2 or more die stacks)
IA = Identification code address offset.
QA = CFI Query address offset.
WA = Word address of memory location to be written.
BA = Address within the block.
PRA = Protection Register address.
LRA = Lock Register address.
RCD = Read Configuration Register data on A[15:0].
2.
ID = Identifier data.
QD = Query data on DQ[15:0].
SRD = Status Register data.
WD = Word data.
N = Word count of data to be loaded into the write buffer.
PD = Protection Register data.
LRD = Lock Register data.
3.
The second cycle of the Buffered Program Command is the word count of the data to be loaded into the write buffer. This
is followed by up to 32 words of data.Then the confirm command (0xD0) is issued, triggering the array programming
operation.
4.
The confirm command (0xD0) is followed by the buffer data.
Table 20.
Command Bus Cycles (Sheet 2 of 2)
Mode
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr(1)
Data(2)
Oper
Addr(1)
Data(2)
Table 21.
Command Codes and Definitions (Sheet 1 of 2)
Mode
Code
Device Mode
Description
Read
0xFF
Read Array
Places the device in Read Array mode. Array data is output on DQ[15:0].
0x70
Read Status Register
Places the device in Read Status Register mode. The device enters this mode
after a program or erase command is issued. Status Register data is output on
DQ[7:0].
0x90
Read Device ID
or Configuration
Register
Places device in Read Device Identifier mode. Subsequent reads output
manufacturer/device codes, Configuration Register data, Block Lock status, or
Protection Register data on DQ[15:0].
0x98
Read Query
Places the device in Read Query mode. Subsequent reads output Common
Flash Interface information on DQ[7:0].
0x50
Clear Status Register
The WSM can only set Status Register error bits. The Clear Status Register
command is used to clear the SR error bits.
Write
0x40
Word Program Setup
First cycle of a 2-cycle programming command; prepares the CUI for a write
operation. On the next write cycle, the address and data are latched and the
WSM executes the programming algorithm at the addressed location. During
program operations, the device responds only to Read Status Register and
Program Suspend commands. CE# or OE# must be toggled to update the
Status Register in asynchronous read. CE# or ADV# must be toggled to update
the Status Register Data for synchronous Non-array reads. The Read Array
command must be issued to read array data after programming has finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com