Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 101 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 101 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 94Page - Intel Corporation JS28F640P30B85 Datasheet HTML 95Page - Intel Corporation JS28F640P30B85 Datasheet HTML 96Page - Intel Corporation JS28F640P30B85 Datasheet HTML 97Page - Intel Corporation JS28F640P30B85 Datasheet HTML 98Page - Intel Corporation JS28F640P30B85 Datasheet HTML 99Page - Intel Corporation JS28F640P30B85 Datasheet HTML 100Page - Intel Corporation JS28F640P30B85 Datasheet HTML 101Page - Intel Corporation JS28F640P30B85 Datasheet HTML 102Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
101
Appendix E Ordering Information for Discrete Products
Figure 48.
Decoder for Discrete Intel StrataFlash® Embedded Memory (P30)
F 6 4
P 3 0 B
8
E 2
T
0
Product Line Designator
28F = Intel® Flash Memory
Package Designator
TE = 56-Lead TSOP, leaded
JS = 56-Lead TSOP, lead-free
RC = 64-Ball Easy BGA, leaded
PC = 64-Ball Easy BGA, lead-free
Device Density
640 = 64-Mbit
128 = 128-Mbit
256 = 256-Mbit
Product Family
P30 = Intel StrataFlash® Embedded Memory
VCC = 1.7 – 2.0 V
VCCQ = 1.7 – 3.6 V
Access Speed
85 ns
Parameter Location
B = Bottom Parameter
T = Top Parameter
8 5
Table 41.
Valid Combinations for Discrete Products
64-Mbit
128-Mbit
256-Mbit
TE28F640P30B85
TE28F128P30B85
TE28F256P30B85
TE28F640P30T85
TE28F128P30T85
TE28F256P30T85
JS28F640P30B85
JS28F128P30B85
JS28F256P30B85
JS28F640P30T85
JS28F128P30T85
JS28F256P30T85
RC28F640P30B85
RC28F128P30B85
RC28F256P30B85
RC28F640P30T85
RC28F128P30T85
RC28F256P30T85
PC28F640P30B85
PC28F128P30B85
PC28F256P30B85
PC28F640P30T85
PC28F128P30T85
PC28F256P30T85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com