Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 25Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 26Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 28Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
Table 2.9
I/O other characteristics
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
RES, ports P200, P214, P215
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5V-tolerant ports*1
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = 5.8 V
Other ports
(except for P200, P214, P215, and
5V-tolerant ports)
—
—
1.0
Vin = 0 V
Vin = VCC
Input pull-up resistor
All ports
(except for P200, P214, P215)
RU
10
20
100
kΩ
Vin = 0 V
Input capacitance
P200
Cin
—
—
30
pF
Vin = 0 V
f = 1 MHz
Ta = 25°C
Other input pins
—
—
15
Note 1. P205, P206, P400, P401, and P407 (total 5 pins)
2.2.5
Operating and Standby Current
Table 2.10
Operating and standby current (1) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
LDO mode
DCDC
mode*12
Unit
Test
Conditions
Typ*10 Max
Typ*10 Max
Supply
current*1
High-
speed
mode*2
Normal
mode
All peripheral
clocks disabled,
CoreMark code
executing from
flash*5
ICLK = 48 MHz
ICC
5.50
—
3.05
—
mA
*7 *11
ICLK = 32 MHz
3.65
—
2.20
—
*7
ICLK = 16 MHz
2.20
—
1.35
—
ICLK = 8 MHz
1.45
—
0.90
—
All peripheral
clocks enabled,
code executing
from flash*5
ICLK = 48 MHz
—
14.5
—
12.5
*9 *11
Sleep
mode
All peripheral
clocks disabled*5
ICLK = 48 MHz
1.05
—
0.65
—
*7
ICLK = 32 MHz
0.85
—
0.55
—
*7
ICLK = 16 MHz
0.70
—
0.45
—
ICLK = 8 MHz
0.60
—
0.35
—
All peripheral
clocks enabled*5
ICLK = 48 MHz
4.85
—
2.95
—
*9
ICLK = 32 MHz
4.68
—
2.85
—
*8
ICLK = 16 MHz
2.55
—
1.55
—
ICLK = 8 MHz
1.50
—
0.95
—
Increase during BGO operation*6
2.1
—
1.95
—
—
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 29 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com