Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 3Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 4Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 5Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 6Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 9Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 10Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
Package type
FP: LQFP 100 pins 0.5 mm pitch
FN: LQFP 80 pins 0.5 mm pitch
FM: LQFP 64 pins 0.5 mm pitch
FL: LFQFP 48 pins 0.5 mm pitch
NE: HWQFN 48 pins 0.5 mm pitch
Quality ID
C: Industrial applications
D: Consumer applications
Operating temperature
2: -40°C to +85°C
3: -40°C to +105°C
Code flash memory size
B: 256 KB
9: 128 KB
Feature set
A: Standard and security
Core
2: Arm Cortex-M23
RA Family (Renesas Advanced)
Flash memory
Renesas microcontroller unit
Renesas
B 3 C F P
R 7 F A 2 L 1 A
Group name
L1: Low Power group
Figure 1.2
Part numbering scheme
Table 1.11
Product list (1 of 2)
Product part number
Package code
Code flash
Data
flash
SRAM
Operating
temperature
R7FA2L1AB3CFP
PLQP0100KB-B
256 KB
8 KB
32 KB
-40 to +105°C
R7FA2L1AB3CFN
PLQP0080KB-B
R7FA2L1AB3CFM
PLQP0064KB-C
R7FA2L1AB3CFL
PLQP0048KB-B
R7FA2L1AB3CNE
TBD
R7FA2L1AB2DFP
PLQP0100KB-B
-40 to +85°C
R7FA2L1AB2DFN
PLQP0080KB-B
R7FA2L1AB2DFM
PLQP0064KB-C
R7FA2L1AB2DFL
PLQP0048KB-B
R7FA2L1AB2DNE
TBD
RA2L1 Datasheet
1. Overview
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 7 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com