Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 86Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 87Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 88Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 89Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 90Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 91Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 92Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
Appendix 3.
I/O Registers
This appendix describes I/O register addresses, access cycles, and reset values by function.
3.1
Peripheral Base Addresses
This section provides the base addresses for peripherals described in this manual.
Table 3.1 shows the name, description, and the base address of each peripheral.
Table 3.1
Peripheral base address (1 of 2)
Name
Description
Base address
MPU
Memory Protection Unit
0x4000_0000
SRAM
SRAM Control
0x4000_2000
BUS
BUS Control
0x4000_3000
DTC
Data Transfer Controller
0x4000_5400
ICU
Interrupt Controller
0x4000_6000
DBG
Debug Function
0x4001_B000
SYSC
System Control
0x4001_E000
PORT0
Port 0 Control Registers
0x4004_0000
PORT1
Port 1 Control Registers
0x4004_0020
PORT2
Port 2 Control Registers
0x4004_0040
PORT3
Port 3 Control Registers
0x4004_0060
PORT4
Port 4 Control Registers
0x4004_0080
PORT5
Port 5 Control Registers
0x4004_00A0
PORT6
Port 6 Control Registers
0x4004_00C0
PORT7
Port 7 Control Registers
0x4004_00E0
PORT8
Port 8 Control Registers
0x4004_0100
PFS
Pmn Pin Function Control Register
0x4004_0800
ELC
Event Link Controller
0x4004_1000
POEG
Port Output Enable Module for GPT
0x4004_2000
RTC
Realtime Clock
0x4004_4000
WDT
Watchdog Timer
0x4004_4200
IWDT
Independent Watchdog Timer
0x4004_4400
CAC
Clock Frequency Accuracy Measurement Circuit
0x4004_4600
MSTP
Module Stop Control B, C, D
0x4004_7000
CAN0
CAN0 Module
0x4005_0000
IIC0
Inter-Integrated Circuit 0
0x4005_3000
IIC0WU
Inter-Integrated Circuit 0 Wakeup Unit
0x4005_3014
IIC1
Inter-Integrated Circuit 1
0x4005_3100
DOC
Data Operation Circuit
0x4005_4100
ADC12
12-bit A/D Converter
0x4005_C000
DAC12
12-bit D/A Converter
0x4005_E000
SCI0
Serial Communication Interface 0
0x4007_0000
SCI1
Serial Communication Interface 1
0x4007_0020
SCI2
Serial Communication Interface 2
0x4007_0040
SCI3
Serial Communication Interface 3
0x4007_0060
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 90 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com