Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 33Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 34Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 35Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 36Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 37Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 38Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 39Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
2.3.3
Reset Timing
Table 2.20
Reset timing
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse width
At power-on
tRESWP
10
—
—
ms
Figure 2.7
Not at power-on
tRESW
30
—
—
µs
Figure 2.8
Wait time after RES cancellation (at
power-on)
LVD0 enabled*1
tRESWT
—
0.9
—
ms
Figure 2.7
LVD0 disabled*2
—
0.2
—
Wait time after RES cancellation (during
powered-on state)
LVD0 enabled*1
tRESWT2
—
0.9
—
ms
Figure 2.8
LVD0 disabled*2
—
0.2
—
Wait time after internal reset
cancellation (Watchdog timer reset,
SRAM parity error reset, SRAM ECC
error reset, bus master MPU error
reset, bus slave MPU error reset, stack
pointer error reset, software reset)
LVD0 enabled*1
tRESWT3
—
0.9
—
ms
Figure 2.9
LVD0 disabled*2
—
0.15
—
Note 1. When OFS1.LVDAS = 0.
Note 2. When OFS1.LVDAS = 1.
VCC
RES
tRESWP
Internal reset
tRESWT
Figure 2.7
Reset input timing at power-on
RES
Internal reset
tRESWT2
tRESW
Figure 2.8
Reset input timing (1)
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 36 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com