Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 24Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 25Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 26Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 28Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.6
I/O VOH, VOL (1)
Conditions: VCC = AVCC0 = 4.0 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output
voltage
Ports P000 to P008, P010 to P015
VOH
AVCC0 - 0.8
—
—
V
IOH = -4.0 mA
Output pins except for P000 to P008 and
P010 to P015*1
VOH
VCC - 0.8
—
—
IOH = -4.0 mA
Ports P000 to P008, P010 to P015
VOL
—
—
0.8
IOL = 8.0 mA
Ports P205, P206, P212, P213, P400,
P401, P407
VOL
—
—
0.8
IOL = 8.0 mA
Output pins except for P000 to P008, P010
to P015, P205, P206, P212, P213, P400,
P401, and P407*1
VOL
—
—
1.2
IOL = 20.0 mA
Note 1. Except for Ports P200, P214, and P215, which are input ports.
Table 2.7
I/O VOH, VOL (2)
Conditions: VCC = AVCC0 = 2.7 to 4.0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output
voltage
Ports P000 to P008, P010 to P015
VOH
AVCC0 - 0.8
—
—
V
IOH = -4.0 mA
Output pins except for P000 to P008 and
P010 to P015*1
VOH
VCC - 0.8
—
—
IOH = -4.0 mA
Ports P000 to P008, P010 to P015
VOL
—
—
0.8
IOL = 8.0 mA
Output pins except for P000 to P008 and
P010 to P015*1
VOL
—
—
0.8
IOL = 8.0 mA
Note 1. Except for Ports P200, P214, and P215, which are input ports.
Table 2.8
I/O VOH, VOL (3)
Conditions: VCC = AVCC0 = 1.6 to 2.7 V
Parameter
Symbol
Min
Typ
Max
Unit Test conditions
Output
voltage
Ports P000 to P008, P010 to P015
VOH
AVCC0 - 0.5
—
—
V
IOH = -1.0 mA
AVCC0 = 1.8 to 2.7 V
AVCC0 - 0.5
—
—
IOH = -0.5 mA
AVCC0 = 1.6 to 1.8 V
Output pins except for P000 to P008
and P010 to P015*1
VOH
VCC - 0.5
—
—
IOH = -1.0 mA
VCC = 1.8 to 2.7 V
VCC - 0.5
—
—
IOH = -0.5 mA
VCC = 1.6 to 1.8 V
Ports P000 to P008, P010 to P015
VOL
—
—
0.4
IOL = 0.6 mA
AVCC0 = 1.8 to 2.7 V
—
—
0.4
IOL = 0.3 mA
AVCC0 = 1.6 to 1.8 V
Output pins except for P000 to P008
and P010 to P015*1
VOL
—
—
0.4
IOL = 0.6 mA
VCC = 1.8 to 2.7 V
—
—
0.4
IOL = 0.3 mA
VCC = 1.6 to 1.8 V
Note 1. Except for Ports P200, P214, and P215, which are input ports.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 28 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com