Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 87Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 88Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 89Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 90Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 91Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 92Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
Table 3.1
Peripheral base address (2 of 2)
Name
Description
Base address
SCI9
Serial Communication Interface 9
0x4007_0120
SPI0
Serial Peripheral Interface 0
0x4007_2000
SPI1
Serial Peripheral Interface 1
0x4007_2100
CRC
CRC Calculator
0x4007_4000
GPT320
General PWM Timer 0 (32-bit)
0x4007_8000
GPT321
General PWM Timer 1 (32-bit)
0x4007_8100
GPT322
General PWM Timer 2 (32-bit)
0x4007_8200
GPT323
General PWM Timer 3 (32-bit)
0x4007_8300
GPT164
General PWM Timer 4 (16-bit)
0x4007_8400
GPT165
General PWM Timer 5 (16-bit)
0x4007_8500
GPT166
General PWM Timer 6 (16-bit)
0x4007_8600
GPT167
General PWM Timer 7 (16-bit)
0x4007_8700
GPT168
General PWM Timer 8 (16-bit)
0x4007_8800
GPT169
General PWM Timer 9 (16-bit)
0x4007_8900
GPT_OPS
Output Phase Switching Controller
0x4007_8FF0
KINT
Key Interrupt Function
0x4008_0000
CTSU
Capacitive Sensing Unit 2
0x4008_2000
AGT0
Low Power Asynchronous General Purpose Timer 0
0x4008_4000
AGT1
Low Power Asynchronous General Purpose Timer 1
0x4008_4100
ACMPLP
Low-Power Analog Comparator
0x4008_5E00
FLCN
Flash I/O Registers
0x407E_C000
Note:
Name = Peripheral name
Description = Peripheral functionality
Base address = Lowest reserved address or address used by the peripheral
3.2
Access Cycles
This section provides access cycle information for the I/O registers described in this manual.
The following information applies to Table 3.2:
● Registers are grouped by associated module.
● The number of access cycles indicates the number of cycles based on the specified reference clock.
● In the internal I/O area, reserved addresses that are not allocated to registers must not be accessed, otherwise operations
cannot be guaranteed.
● The number of I/O access cycles depends on bus cycles of the internal peripheral bus, divided clock synchronization
cycles, and wait cycles of each module. Divided clock synchronization cycles differ depending on the frequency ratio
between ICLK and PCLK.
● When the frequency of ICLK is equal to that of PCLK, the number of divided clock synchronization cycles is always
constant.
● When the frequency of ICLK is greater than that of PCLK, at least 1 PCLK cycle is added to the number of divided
clock synchronization cycles.
Note:
This applies to the number of cycles when access from the CPU does not conflict with the instruction fetching to the
external memory or bus access from other bus master such as DTC.
Table 3.2 shows the register access cycles for non-GPT modules.
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 91 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com