Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 48Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 49Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 50Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 51Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 52Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 53Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 54Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 55Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
Table 2.32
SPI timing (2 of 3)
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
SPI Data input
setup time
Master
2.7 V ≤ VCC ≤ 5.5 V
tSU
10
—
ns
Figure 2.29
to Figure
2.34
C = 30 pF
2.4 V ≤ VCC < 2.7 V 16 MHz < PCLKB ≤ 32
MHz
30
—
PCLKB ≤ 16 MHz
10
—
1.8 V ≤ VCC < 2.4 V 16 MHz < PCLKB ≤ 32
MHz
55
—
8 MHz < PCLKB ≤ 16
MHz
30
—
PCLKB ≤ 8 MHz
10
—
1.6 V ≤ VCC < 1.8 V
10
—
Slave
2.4 V ≤ VCC ≤ 5.5 V
10
—
1.8 V ≤ VCC < 2.4 V
15
—
1.6 V ≤ VCC < 1.8 V
20
—
Data input
hold time
Master
(RSPCK is PCLKB/2)
tHF
0
—
ns
Master
(RSPCK is not PCLKB/2)
tH
tPcyc
—
Slave
tH
20
—
SPI SSL setup
time
Master
1.8 V ≤ VCC ≤ 5.5 V
tLEAD
-30 + N ×
tSPcyc*2
—
ns
1.6 V ≤ VCC < 1.8 V
-50 + N ×
tSPcyc*2
—
Slave
6 × tPcyc
—
ns
SSL hold
time
Master
tLAG
-30 + N ×
tSPcyc*3
—
ns
Slave
6 × tPcyc
—
ns
Data output
delay time
Master
2.7 V ≤ VCC ≤ 5.5 V
tOD
—
14
ns
2.4 V ≤ VCC < 2.7 V
—
20
1.8 V ≤ VCC < 2.4 V
—
25
1.6 V ≤ VCC < 1.8 V
—
30
Slave
2.7 V ≤ VCC ≤ 5.5 V
—
50
2.4 V ≤ VCC < 2.7 V
—
60
1.8 V ≤ VCC < 2.4 V
—
85
1.6 V ≤ VCC < 1.8 V
—
110
Data output
hold time
Master
tOH
0
—
ns
Slave
0
—
Successive
transmission
delay time
Master
tTD
tSPcyc + 2 ×
tPcyc
8 × tSPcyc +
2 × tPcyc
ns
Slave
6 × tPcyc
—
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 52 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com