Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 75Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 76Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 77Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 78Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 79Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 80Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 81Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 82Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
Table 2.56
Data flash characteristics (2) (2 of 2)
High-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
ICLK = 4 MHz
ICLK = 48 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK at below 4 MHz, the
frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Table 2.57
Data flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 5.5 V, Ta = -40 to +85°C
Parameter
Symbol
ICLK = 4 MHz
ICLK = 8 MHz*1
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
—
45
404
—
39
356
µs
Erasure time
1-KB
tDE1K
—
8.8
280
—
7.3
248
ms
Blank check time
1-byte
tDBC1
—
—
15.2
—
—
11.3
µs
1-KB
tDBC1K
—
—
1.84
—
—
1.06
ms
Suspended time during erasing
tDSED
—
—
13.2
—
—
11.7
µs
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK at below 4 MHz, the
frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. When 1.8 V ≤ VCC = AVCC0 ≤ 5.5 V
Table 2.58
Data flash characteristics (4)
Low-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 5.5 V, Ta = -40 to +85°C
Parameter
Symbol
ICLK = 1 MHz
ICLK = 2 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
—
86
732
—
57
502
µs
Erasure time
1-KB
tDE1K
—
19.7
504
—
12.4
354
ms
Blank check time
1-byte
tDBC1
—
—
46.5
—
—
23.3
µs
1-KB
tDBC1K
—
—
7.3
—
—
3.66
ms
Suspended time during erasing
tDSED
—
—
22.3
—
—
16.2
µs
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK at below 2 MHz, the
frequency can be set to 1 MHz or 2 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 79 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com