Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 74Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 75Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 76Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 77Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 78Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 79Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 80Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
Table 2.52
Code flash characteristics (2) (2 of 2)
High-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 48 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Blank check time
4-byte
tBC4
—
—
46.5
—
—
8.3
µs
2-KB
tBC2K
—
—
3681
—
—
240
µs
Erase suspended time
tSED
—
—
22.3
—
—
10.5
µs
Access window information program
Start-up area selection and security
setting time
tAWSSAS —
21.2
570
—
11.4
423
ms
OCD/serial programmer ID setting
time*1
tOSIS
—
84.7
2280
—
45.3
1690
ms
Flash memory mode transition wait
time 1
tDIS
2
—
—
2
—
—
µs
Flash memory mode transition wait
time 2
tMS
15
—
—
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK at below 4 MHz, the
frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. Total time of four commands.
Table 2.53
Code flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 5.5 V, Ta = -40 to +85°C
Parameter
Symbol
ICLK = 1 MHz
ICLK = 8 MHz*2
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
4-byte
tP4
—
86
732
—
39
356
µs
Erasure time
2-KB
tE2K
—
12.5
355
—
6.2
227
ms
Blank check time
4-byte
tBC4
—
—
46.5
—
—
11.3
µs
2-KB
tBC2K
—
—
3681
—
—
534
µs
Erase suspended time
tSED
—
—
22.3
—
—
11.7
µs
Access window information program
Start-up area selection and security
setting time
tAWSSAS —
21.2
570
—
12.2
435
ms
OCD/serial programmer ID setting
time*1
tOSIS
—
84.7
2280
—
48.7
1740
ms
Flash memory mode transition wait
time 1
tDIS
2
—
—
2
—
—
µs
Flash memory mode transition wait
time 2
tMS
15
—
—
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK at below 4 MHz, the
frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. Total time of four commands.
Note 2. When 1.8 V ≤ VCC = AVCC0 ≤ 5.5 V
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 77 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com