Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 76Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 77Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 78Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 79Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 80Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 81Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 82Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 83Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
2.11.3
Serial Wire Debug (SWD)
Table 2.59
SWD characteristics (1)
Conditions: VCC = AVCC0 = 2.4 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
SWCLK clock cycle time
tSWCKcyc
80
—
—
ns
Figure 2.48
SWCLK clock high pulse width
tSWCKH
35
—
—
ns
SWCLK clock low pulse width
tSWCKL
35
—
—
ns
SWCLK clock rise time
tSWCKr
—
—
5
ns
SWCLK clock fall time
tSWCKf
—
—
5
ns
SWDIO setup time
tSWDS
16
—
—
ns
Figure 2.49
SWDIO hold time
tSWDH
16
—
—
ns
SWDIO data delay time
tSWDD
2
—
70
ns
Table 2.60
SWD characteristics (2)
Conditions: VCC = AVCC0 = 1.6 to 2.4 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
SWCLK clock cycle time
tSWCKcyc
250
—
—
ns
Figure 2.48
SWCLK clock high pulse width
tSWCKH
120
—
—
ns
SWCLK clock low pulse width
tSWCKL
120
—
—
ns
SWCLK clock rise time
tSWCKr
—
—
5
ns
SWCLK clock fall time
tSWCKf
—
—
5
ns
SWDIO setup time
tSWDS
50
—
—
ns
Figure 2.49
SWDIO hold time
tSWDH
50
—
—
ns
SWDIO data delay time
tSWDD
2
—
170
ns
tSWCKH
tSWCKf
tSWCKcyc
SWCLK
tSWCKr
tSWCKL
Figure 2.48
SWD SWCLK timing
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 80 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com