Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
Table 3.4
Register description (5 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
PFS
10
0x4
0-9
P40%sPFS_BY
Port 40%s Pin Function Select Register
0x103
8
R/W
0x00
0xFD
PFS
6
0x4
10-15
P4%sPFS
Port 4%s Pin Function Select Register
0x128
32
R/W
0x00000000
0xFFFFFFFD
PFS
6
0x4
10-15
P4%sPFS_HA
Port 4%s Pin Function Select Register
0x12A
16
R/W
0x0000
0xFFFD
PFS
6
0x4
10-15
P4%sPFS_BY
Port 4%s Pin Function Select Register
0x12B
8
R/W
0x00
0xFD
PFS
6
0x4
0-5
P50%sPFS
Port 50%s Pin Function Select Register
0x140
32
R/W
0x00000000
0xFFFFFFFD
PFS
6
0x4
0-5
P50%sPFS_HA
Port 50%s Pin Function Select Register
0x142
16
R/W
0x0000
0xFFFD
PFS
6
0x4
0-5
P50%sPFS_BY
Port 50%s Pin Function Select Register
0x143
8
R/W
0x00
0xFD
PFS
4
0x4
0-3
P60%sPFS
Port 60%s Pin Function Select Register
0x180
32
R/W
0x00000000
0xFFFFFFFD
PFS
4
0x4
0-3
P60%sPFS_HA
Port 60%s Pin Function Select Register
0x182
16
R/W
0x0000
0xFFFD
PFS
4
0x4
0-3
P60%sPFS_BY
Port 60%s Pin Function Select Register
0x183
8
R/W
0x00
0xFD
PFS
2
0x4
8-9
P60%sPFS
Port 60%s Pin Function Select Register
0x1A0
32
R/W
0x00000000
0xFFFFFFFD
PFS
2
0x4
8-9
P60%sPFS_HA
Port 60%s Pin Function Select Register
0x1A2
16
R/W
0x0000
0xFFFD
PFS
2
0x4
8-9
P60%sPFS_BY
Port 60%s Pin Function Select Register
0x1A3
8
R/W
0x00
0xFD
PFS
—
—
—
P610PFS
Port 610 Pin Function Select Register
0x1A8
32
R/W
0x00000000
0xFFFFFFFD
PFS
—
—
—
P610PFS_HA
Port 610 Pin Function Select Register
0x1AA
16
R/W
0x0000
0xFFFD
PFS
—
—
—
P610PFS_BY
Port 610 Pin Function Select Register
0x1AB
8
R/W
0x00
0xFD
PFS
—
—
—
P708PFS
Port 708 Pin Function Select Register
0x1E0
32
R/W
0x00000000
0xFFFFFFFD
PFS
—
—
—
P708PFS_HA
Port 708 Pin Function Select Register
0x1E2
16
R/W
0x0000
0xFFFD
PFS
—
—
—
P708PFS_BY
Port 708 Pin Function Select Register
0x1E3
8
R/W
0x00
0xFD
PFS
—
—
—
P714PFS
Port 714 Pin Function Select Register
0x1F8
32
R/W
0x00000000
0xFFFFFFFD
PFS
—
—
—
P714PFS_HA
Port 714 Pin Function Select Register
0x1FA
16
R/W
0x0000
0xFFFD
PFS
—
—
—
P714PFS_BY
Port 714 Pin Function Select Register
0x1FB
8
R/W
0x00
0xFD
PFS
2
0x4
8-9
P80%sPFS
Port 80%s Pin Function Select Register
0x220
32
R/W
0x00000000
0xFFFFFFFD
PFS
2
0x4
8-9
P80%sPFS_HA
Port 80%s Pin Function Select Register
0x222
16
R/W
0x0000
0xFFFD
PFS
2
0x4
8-9
P80%sPFS_BY
Port 80%s Pin Function Select Register
0x223
8
R/W
0x00
0xFD
PFS
—
—
—
PWPR
Write-Protect Register
0x503
8
R/W
0x80
0xFF
PFS
—
—
—
PRWCNTR
Port Read Wait Control Register
0x50F
8
R/W
0x01
0xFF
ELC
—
—
—
ELCR
Event Link Controller Register
0x00
8
R/W
0x00
0xFF
ELC
2
0x02
0-1
ELSEGR%s
Event Link Software Event Generation
Register %s
0x02
8
R/W
0x80
0xFF
ELC
4
0x04
0-3
ELSR%s
Event Link Setting Register %s
0x10
16
R/W
0x0000
0xFFFF
ELC
2
0x04
8-9
ELSR%s
Event Link Setting Register %s
0x30
16
R/W
0x0000
0xFFFF
ELC
—
—
—
ELSR12
Event Link Setting Register 12
0x40
16
R/W
0x0000
0xFFFF
ELC
2
0x04
14-15
ELSR%s
Event Link Setting Register %s
0x48
16
R/W
0x0000
0xFFFF
ELC
—
—
—
ELSR18
Event Link Setting Register 18
0x58
16
R/W
0x0000
0xFFFF
POEG
—
—
—
POEGGA
POEG Group A Setting Register
0x000
32
R/W
0x00000000
0xFFFFFFFF
POEG
—
—
—
POEGGB
POEG Group B Setting Register
0x100
32
R/W
0x00000000
0xFFFFFFFF
RTC
—
—
—
R64CNT
64-Hz Counter
0x00
8
R
0x00
0x00
RTC
4
0x02
0-3
BCNT%s
Binary Counter %s
0x02
8
R/W
0x00
0x00
RTC
—
—
—
RSECCNT
Second Counter (in Calendar Count Mode) 0x02
8
R/W
0x00
0x00
RTC
—
—
—
RMINCNT
Minute Counter (in Calendar Count Mode)
0x04
8
R/W
0x00
0x00
RTC
—
—
—
RHRCNT
Hour Counter (in Calendar Count Mode)
0x06
8
R/W
0x00
0x00
RTC
—
—
—
RWKCNT
Day-of-Week Counter (in Calendar Count
Mode)
0x08
8
R/W
0x00
0x00
RTC
—
—
—
RDAYCNT
Day Counter
0x0A
8
R/W
0x00
0xC0
RTC
—
—
—
RMONCNT
Month Counter
0x0C
8
R/W
0x00
0xE0
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 97 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com