Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 104Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
Table 3.4
Register description (9 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
ADC12
—
—
—
ADCMPANSER
A/D Compare Function Window A
Extended Input Select Register
0x092
8
R/W
0x00
0xFF
ADC12
—
—
—
ADCMPLER
A/D Compare Function Window A
Extended Input Comparison Condition
Setting Register
0x093
8
R/W
0x00
0xFF
ADC12
—
—
—
ADCMPANSR0
A/D Compare Function Window A Channel
Select Register 0
0x094
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPANSR1
A/D Compare Function Window A Channel
Select Register 1
0x096
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPLR0
A/D Compare Function Window A
Comparison Condition Setting Register 0
0x098
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPLR1
A/D Compare Function Window A
Comparison Condition Setting Register 1
0x09A
16
R/W
0x0000
0xFFFF
ADC12
2
0x2
0-1
ADCMPDR%s
A/D Compare Function Window A Lower-
Side/Upper-Side Level Setting Register
0x09C
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPSR0
A/D Compare Function Window A Channel
Status Register 0
0x0A0
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPSR1
A/D Compare Function Window A Channel
Status Register1
0x0A2
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPSER
A/D Compare Function Window A
Extended Input Channel Status Register
0x0A4
8
R/W
0x00
0xFF
ADC12
—
—
—
ADCMPBNSR
A/D Compare Function Window B Channel
Select Register
0x0A6
8
R/W
0x00
0xFF
ADC12
—
—
—
ADWINLLB
A/D Compare Function Window B Lower-
Side/Upper-Side Level Setting Register
0x0A8
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADWINULB
A/D Compare Function Window B Lower-
Side/Upper-Side Level Setting Register
0x0AA
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCMPBSR
A/D Compare Function Window B Status
Register
0x0AC
8
R/W
0x00
0xFF
ADC12
—
—
—
ADSSTRL
A/D Sampling State Register
0x0DD
8
R/W
0x0D
0xFF
ADC12
—
—
—
ADSSTRT
A/D Sampling State Register
0x0DE
8
R/W
0x0D
0xFF
ADC12
—
—
—
ADSSTRO
A/D Sampling State Register
0x0DF
8
R/W
0x0D
0xFF
ADC12
15
0x1
0-14
ADSSTR%s
A/D Sampling State Register
0x0E0
8
R/W
0x0D
0xFF
DAC12
—
—
—
DADR0
D/A Data Register 0
0x00
16
R/W
0x0000
0xFFFF
DAC12
—
—
—
DACR
D/A Control Register
0x04
8
R/W
0x1F
0xFF
DAC12
—
—
—
DADPR
DADR0 Format Select Register
0x05
8
R/W
0x00
0xFF
DAC12
—
—
—
DAADSCR
D/A A/D Synchronous Start Control
Register
0x06
8
R/W
0x00
0xFF
DAC12
—
—
—
DAVREFCR
D/A VREF Control Register
0x07
8
R/W
0x00
0xFF
SCI0
—
—
—
SMR
Serial Mode Register for Non-Smart Card
Interface Mode (SCMR.SMIF = 0)
0x00
8
R/W
0x00
0xFF
SCI0
—
—
—
SMR_SMCI
Serial Mode Register for Smart Card
Interface Mode (SCMR.SMIF = 1)
0x00
8
R/W
0x00
0xFF
SCI0
—
—
—
BRR
Bit Rate Register
0x01
8
R/W
0xFF
0xFF
SCI0
—
—
—
SCR
Serial Control Register for Non-Smart Card
Interface Mode (SCMR.SMIF = 0)
0x02
8
R/W
0x00
0xFF
SCI0
—
—
—
SCR_SMCI
Serial Control Register for Smart Card
Interface Mode (SCMR.SMIF = 1)
0x02
8
R/W
0x00
0xFF
SCI0
—
—
—
TDR
Transmit Data Register
0x03
8
R/W
0xFF
0xFF
SCI0
—
—
—
SSR
Serial Status Register for Non-Smart Card
Interface and Non-FIFO Mode
(SCMR.SMIF = 0 and FCR.FM = 0)
0x04
8
R/W
0x84
0xFF
SCI0
—
—
—
SSR_FIFO
Serial Status Register for Non-Smart Card
Interface and FIFO Mode (SCMR.SMIF = 0
and FCR.FM = 1)
0x04
8
R/W
0x80
0xFD
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 101 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com