Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 104Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 105Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
Table 3.4
Register description (10 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
SCI0
—
—
—
SSR_SMCI
Serial Status Register for Smart Card
Interface Mode (SCMR.SMIF = 1)
0x04
8
R/W
0x84
0xFF
SCI0
—
—
—
RDR
Receive Data Register
0x05
8
R/W
0x00
0xFF
SCI0
—
—
—
SCMR
Smart Card Mode Register
0x06
8
R/W
0xF2
0xFF
SCI0
—
—
—
SEMR
Serial Extended Mode Register
0x07
8
R/W
0x00
0xFF
SCI0
—
—
—
SNFR
Noise Filter Setting Register
0x08
8
R/W
0x00
0xFF
SCI0
—
—
—
SIMR1
IIC Mode Register 1
0x09
8
R/W
0x00
0xFF
SCI0
—
—
—
SIMR2
IIC Mode Register 2
0x0A
8
R/W
0x00
0xFF
SCI0
—
—
—
SIMR3
IIC Mode Register 3
0x0B
8
R/W
0x00
0xFF
SCI0
—
—
—
SISR
IIC Status Register
0x0C
8
R
0x00
0xCB
SCI0
—
—
—
SPMR
SPI Mode Register
0x0D
8
R/W
0x00
0xFF
SCI0
—
—
—
TDRHL
Transmit Data Register
0x0E
16
R/W
0xFFFF
0xFFFF
SCI0
—
—
—
FRDRHL
Receive FIFO Data Register
0x10
16
R
0x0000
0xFFFF
SCI0
—
—
—
FTDRHL
Transmit FIFO Data Register
0x0E
16
W
0xFFFF
0xFFFF
SCI0
—
—
—
RDRHL
Receive Data Register
0x10
16
R
0x0000
0xFFFF
SCI0
—
—
—
FRDRH
Receive FIFO Data Register
0x10
8
R
0x00
0xFF
SCI0
—
—
—
FTDRH
Transmit FIFO Data Register
0x0E
8
W
0xFF
0xFF
SCI0
—
—
—
FRDRL
Receive FIFO Data Register
0x11
8
R
0x00
0xFF
SCI0
—
—
—
FTDRL
Transmit FIFO Data Register
0x0F
8
W
0xFF
0xFF
SCI0
—
—
—
MDDR
Modulation Duty Register
0x12
8
R/W
0xFF
0xFF
SCI0
—
—
—
DCCR
Data Compare Match Control Register
0x13
8
R/W
0x40
0xFF
SCI0
—
—
—
FCR
FIFO Control Register
0x14
16
R/W
0xF800
0xFFFF
SCI0
—
—
—
FDR
FIFO Data Count Register
0x16
16
R
0x0000
0xFFFF
SCI0
—
—
—
LSR
Line Status Register
0x18
16
R
0x0000
0xFFFF
SCI0
—
—
—
CDR
Compare Match Data Register
0x1A
16
R/W
0x0000
0xFFFF
SCI0
—
—
—
SPTR
Serial Port Register
0x1C
8
R/W
0x03
0xFF
SCI1-3,9
—
—
—
SMR
Serial Mode Register for Non-Smart Card
Interface Mode (SCMR.SMIF = 0)
0x00
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SMR_SMCI
Serial Mode Register for Smart Card
Interface Mode (SCMR.SMIF = 1)
0x00
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
BRR
Bit Rate Register
0x01
8
R/W
0xFF
0xFF
SCI1-3,9
—
—
—
SCR
Serial Control Register for Non-Smart Card
Interface Mode (SCMR.SMIF = 0)
0x02
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SCR_SMCI
Serial Control Register for Smart Card
Interface Mode (SCMR.SMIF = 1)
0x02
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
TDR
Transmit Data Register
0x03
8
R/W
0xFF
0xFF
SCI1-3,9
—
—
—
SSR
Serial Status Register for Non-Smart Card
Interface and Non-FIFO Mode
(SCMR.SMIF = 0 and FCR.FM = 0)
0x04
8
R/W
0x84
0xFF
SCI1-3,9
—
—
—
SSR_SMCI
Serial Status Register for Smart Card
Interface Mode (SCMR.SMIF = 1)
0x04
8
R/W
0x84
0xFF
SCI1-3,9
—
—
—
RDR
Receive Data Register
0x05
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SCMR
Smart Card Mode Register
0x06
8
R/W
0xF2
0xFF
SCI1-3,9
—
—
—
SEMR
Serial Extended Mode Register
0x07
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SNFR
Noise Filter Setting Register
0x08
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SIMR1
IIC Mode Register 1
0x09
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SIMR2
IIC Mode Register 2
0x0A
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
SIMR3
IIC Mode Register 3
0x0B
8
R/W
0x00
0xFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 102 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com