Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 104Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 105Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 106Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 107Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
Table 3.4
Register description (12 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
GPT320-3
—
—
—
GTICBSR
General PWM Timer Input Capture Source
Select Register B
0x28
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTCR
General PWM Timer Control Register
0x2C
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTUDDTYC
General PWM Timer Count Direction and
Duty Setting Register
0x30
32
R/W
0x00000001
0xFFFFFFFF
GPT320-3
—
—
—
GTIOR
General PWM Timer I/O Control Register
0x34
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTINTAD
General PWM Timer Interrupt Output
Setting Register
0x38
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTST
General PWM Timer Status Register
0x3C
32
R/W
0x00008000
0xFFFFFFFF
GPT320-3
—
—
—
GTBER
General PWM Timer Buffer Enable
Register
0x40
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTCNT
General PWM Timer Counter
0x48
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTCCRA
General PWM Timer Compare Capture
Register A
0x4C
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTCCRB
General PWM Timer Compare Capture
Register B
0x50
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTCCRC
General PWM Timer Compare Capture
Register C
0x54
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTCCRE
General PWM Timer Compare Capture
Register E
0x58
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTCCRD
General PWM Timer Compare Capture
Register D
0x5C
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTCCRF
General PWM Timer Compare Capture
Register F
0x60
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTPR
General PWM Timer Cycle Setting
Register
0x64
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTPBR
General PWM Timer Cycle Setting Buffer
Register
0x68
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTDTCR
General PWM Timer Dead Time Control
Register
0x88
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTDVU
General PWM Timer Dead Time Value
Register U
0x8C
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT164-9
—
—
—
GTWP
General PWM Timer Write-Protection
Register
0x00
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTSTR
General PWM Timer Software Start
Register
0x04
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTSTP
General PWM Timer Software Stop
Register
0x08
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT164-9
—
—
—
GTCLR
General PWM Timer Software Clear
Register
0x0C
32
W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTSSR
General PWM Timer Start Source Select
Register
0x10
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTPSR
General PWM Timer Stop Source Select
Register
0x14
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTCSR
General PWM Timer Clear Source Select
Register
0x18
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTUPSR
General PWM Timer Up Count Source
Select Register
0x1C
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTDNSR
General PWM Timer Down Count Source
Select Register
0x20
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTICASR
General PWM Timer Input Capture Source
Select Register A
0x24
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTICBSR
General PWM Timer Input Capture Source
Select Register B
0x28
32
R/W
0x00000000
0xFFFFFFFF
GPT164-9
—
—
—
GTCR
General PWM Timer Control Register
0x2C
32
R/W
0x00000000
0xFFFFFFFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 104 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com