Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 104Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 105Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 106Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 107Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 108Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 109Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 110Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
Table 3.4
Register description (15 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
CTSU
—
—
—
CTSUSUCLKB
CTSU Sensor Unit Clock Control Register
B
0x30
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUSUCLK2
CTSU Sensor Unit Clock Control Register
B
0x30
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSUCLK3
CTSU Sensor Unit Clock Control Register
B
0x32
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCFCCNT
CTSU CFC Counter Register
0x34
32
R
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUCFCCNTL
CTSU CFC Counter Register
0x34
16
R
0x0000
0xFFFF
AGT0-1
—
—
—
AGT
AGT Counter Register
0x00
16
R/W
0xFFFF
0xFFFF
AGT0-1
—
—
—
AGTCMB
AGT Compare Match B Register
0x00
16
R/W
0xFFFF
0xFFFF
AGT0-1
—
—
—
AGTCMA
AGT Compare Match A Register
0x02
16
R/W
0xFFFF
0xFFFF
AGT0-1
—
—
—
AGTCR
AGT Control Register
0x08
8
R/W
0x00
0xFF
AGT0-1
—
—
—
AGTMR1
AGT Mode Register 1
0x09
8
R/W
0x00
0xFF
AGT0-1
—
—
—
AGTMR2
AGT Mode Register 2
0x0A
8
R/W
0x00
0xFF
AGT0-1
—
—
—
AGTIOC
AGT I/O Control Register
0x0C
8
R/W
0x00
0xFF
AGT0-1
—
—
—
AGTISR
AGT Event Pin Select Register
0x0D
8
R/W
0x00
0xFF
AGT0-1
—
—
—
AGTCMSR
AGT Compare Match Function Select
Register
0x0E
8
R/W
0x00
0xFF
AGT0-1
—
—
—
AGTIOSEL
AGT Pin Select Register
0x00F
8
R/W
0x00
0xFF
ACMPLP
—
—
—
COMPMDR
ACMPLP Mode Setting Register
0x00
8
R/W
0x00
0xFF
ACMPLP
—
—
—
COMPFIR
ACMPLP Filter Control Register
0x01
8
R/W
0x00
0xFF
ACMPLP
—
—
—
COMPOCR
ACMPLP Output Control Register
0x02
8
R/W
0x00
0xFF
FLCN
—
—
—
DFLCTL
Data Flash Enable Register
0x0090
8
R/W
0x00
0xFF
FLCN
—
—
—
TSCDR
Temperature Sensor Calibration Data
Register
0x0228
16
R
0x00
0x00
FLCN
—
—
—
CTSUTRIMA
CTSU Trimming Register A
0x03A4
32
R/W
0x00000000
0x00000000
FLCN
—
—
—
FLDWAITR
Memory Wait Cycle Control Register for
Data Flash
0x3FC4
8
R/W
0x00
0xFF
FLCN
—
—
—
PFBER
Prefetch Buffer Enable Register
0x3FC8
8
R/W
0x00
0xFF
Note:
Peripheral name = Name of peripheral
Dim = Number of elements in an array of registers
Dim inc. = Address increment between two simultaneous registers of a register array in the address map
Dim index = Sub string that replaces the %s placeholder within the register name
Register name = Name of register
Description = Register description
Address offset = Address of the register relative to the base address defined by the peripheral of the register
Size = Bit width of the register
Reset value = Default reset value of a register
Reset mask = Identifies which register bits have a defined reset value
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 107 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com