Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 104Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 105Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 106Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 107Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 108Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 109Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 110Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
Table 3.4
Register description (14 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
CTSU
—
—
—
CTSUCHACA
CTSU Channel Enable Control Register A
0x0C
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUCHACAL
CTSU Channel Enable Control Register A
0x0C
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCHAC0
CTSU Channel Enable Control Register A
0x0C
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHAC1
CTSU Channel Enable Control Register A
0x0D
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHACAH
CTSU Channel Enable Control Register A
0x0E
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCHAC2
CTSU Channel Enable Control Register A
0x0E
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHAC3
CTSU Channel Enable Control Register A
0x0F
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHACB
CTSU Channel Enable Control Register B
0x10
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUCHACBL
CTSU Channel Enable Control Register B
0x10
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCHAC4
CTSU Channel Enable Control Register B
0x10
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHTRCA
CTSU Channel Transmit/Receive Control
Register A
0x14
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUCHTRCAL
CTSU Channel Transmit/Receive Control
Register A
0x14
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCHTRC0
CTSU Channel Transmit/Receive Control
Register A
0x14
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHTRC1
CTSU Channel Transmit/Receive Control
Register A
0x15
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHTRCAH
CTSU Channel Transmit/Receive Control
Register A
0x16
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCHTRC2
CTSU Channel Transmit/Receive Control
Register A
0x16
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHTRC3
CTSU Channel Transmit/Receive Control
Register A
0x17
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUCHTRCB
CTSU Channel Transmit/Receive Control
Register B
0x18
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUCHTRCBL
CTSU Channel Transmit/Receive Control
Register B
0x18
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUCHTRC4
CTSU Channel Transmit/Receive Control
Register B
0x18
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUSR
CTSU Status Register
0x1C
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUSRL
CTSU Status Register
0x1C
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSR0
CTSU Status Register
0x1C
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUST
CTSU Status Register
0x1D
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUSRH
CTSU Status Register
0x1E
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSR2
CTSU Status Register
0x1E
8
R/W
0x00
0xFF
CTSU
—
—
—
CTSUSO
CTSU Sensor Offset Register
0x20
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUSO0
CTSU Sensor Offset Register
0x20
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSO1
CTSU Sensor Offset Register
0x22
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSCNT
CTSU Sensor Counter Register
0x24
32
R
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUSC
CTSU Sensor Counter Register
0x24
16
R
0x0000
0xFFFF
CTSU
—
—
—
CTSUCALIB
CTSU Calibration Register
0x28
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUDBGR0
CTSU Calibration Register
0x28
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUDBGR1
CTSU Calibration Register
0x2A
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSUCLKA
CTSU Sensor Unit Clock Control Register
A
0x2C
32
R/W
0x00000000
0xFFFFFFFF
CTSU
—
—
—
CTSUSUCLK0
CTSU Sensor Unit Clock Control Register
A
0x2C
16
R/W
0x0000
0xFFFF
CTSU
—
—
—
CTSUSUCLK1
CTSU Sensor Unit Clock Control Register
A
0x2E
16
R/W
0x0000
0xFFFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 106 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com