Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 66Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 67Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 68Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 69Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 70Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 71Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 72Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
Table 2.45
TSN characteristics (2 of 2)
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Temperature slope
—
—
-3.3
—
mV/°C
—
Output voltage (at 25°C)
—
—
1.05
—
V
VCC = 3.3 V
Temperature sensor start time
tSTART
—
—
5
µs
—
Sampling time
—
5
—
—
µs
2.7
OSC Stop Detect Characteristics
Table 2.46
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
—
—
1
ms
Figure 2.41
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK
Figure 2.41
Oscillation stop detection timing
2.8
POR and LVD Characteristics
Table 2.47
Power-on reset circuit and voltage detection circuit characteristics (1) (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
level*1
Power-on reset
(POR)
When power supply rise
VPOR
1.47
1.51
1.55
V
Figure 2.42
When power supply fall
VPDR
1.46
1.50
1.54
Figure 2.43
Voltage detection
circuit (LVD0)*2
When power supply rise
Vdet0_0
3.74
3.91
4.06
V
Figure 2.44
At falling edge
VCC
When power supply fall
3.68
3.85
4.00
When power supply rise
Vdet0_1
2.73
2.9
3.01
When power supply fall
2.68
2.85
2.96
When power supply rise
Vdet0_2
2.44
2.59
2.70
When power supply fall
2.38
2.53
2.64
When power supply rise
Vdet0_3
1.83
1.95
2.07
When power supply fall
1.78
1.90
2.02
When power supply rise
Vdet0_4
1.66
1.75
1.88
When power supply fall
1.60
1.69
1.82
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 70 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com