Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFN Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFN Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
Table 3.4
Register description (7 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
CAN0
32
0x10
0-31
MB%s_ID
Mailbox ID Register %s
0x200
32
R/W
0x00000000
0x00000001
CAN0
32
0x10
0-31
MB%s_DL
Mailbox Data Length Register %s
0x204
16
R/W
0x0000
0x0000
CAN0
32
0x10
0-31
MB%s_D0
Mailbox Data Register %s
0x206
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D1
Mailbox Data Register %s
0x207
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D2
Mailbox Data Register %s
0x208
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D3
Mailbox Data Register %s
0x209
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D4
Mailbox Data Register %s
0x20A
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D5
Mailbox Data Register %s
0x20B
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D6
Mailbox Data Register %s
0x20C
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_D7
Mailbox Data Register %s
0x20D
8
R/W
0x00
0x00
CAN0
32
0x10
0-31
MB%s_TS
Mailbox Time Stamp Register %s
0x20E
16
R/W
0x0000
0x0000
CAN0
8
0x04
—
MKR[%s]
Mask Register %s
0x400
32
R/W
0x00000000
0x00000000
CAN0
2
0x04
0-1
FIDCR%s
FIFO Received ID Compare Register %s
0x420
32
R/W
0x00000000
0x00000000
CAN0
—
—
—
MKIVLR
Mask Invalid Register
0x428
32
R/W
0x00000000
0x00000000
CAN0
—
—
—
MIER
Mailbox Interrupt Enable Register
0x42C
32
R/W
0x00000000
0x00000000
CAN0
—
—
—
MIER_FIFO
Mailbox Interrupt Enable Register for FIFO
Mailbox Mode
0x42C
32
R/W
0x00000000
0x00000000
CAN0
32
0x01
—
MCTL_RX[%s]
Message Control Register for Receive
0x820
8
R/W
0x00
0xFF
CAN0
32
0x01
—
MCTL_TX[%s]
Message Control Register for Transmit
0x820
8
R/W
0x00
0xFF
CAN0
—
—
—
CTLR
Control Register
0x840
16
R/W
0x0500
0xFFFF
CAN0
—
—
—
STR
Status Register
0x842
16
R
0x0500
0xFFFF
CAN0
—
—
—
BCR
Bit Configuration Register
0x844
32
R/W
0x00000000
0xFFFFFFFF
CAN0
—
—
—
RFCR
Receive FIFO Control Register
0x848
8
R/W
0x80
0xFF
CAN0
—
—
—
RFPCR
Receive FIFO Pointer Control Register
0x849
8
W
0x00
0x00
CAN0
—
—
—
TFCR
Transmit FIFO Control Register
0x84A
8
R/W
0x80
0xFF
CAN0
—
—
—
TFPCR
Transmit FIFO Pointer Control Register
0x84B
8
W
0x00
0x00
CAN0
—
—
—
EIER
Error Interrupt Enable Register
0x84C
8
R/W
0x00
0xFF
CAN0
—
—
—
EIFR
Error Interrupt Factor Judge Register
0x84D
8
R/W
0x00
0xFF
CAN0
—
—
—
RECR
Receive Error Count Register
0x84E
8
R
0x00
0xFF
CAN0
—
—
—
TECR
Transmit Error Count Register
0x84F
8
R
0x00
0xFF
CAN0
—
—
—
ECSR
Error Code Store Register
0x850
8
R/W
0x00
0xFF
CAN0
—
—
—
CSSR
Channel Search Support Register
0x851
8
R/W
0x00
0x00
CAN0
—
—
—
MSSR
Mailbox Search Status Register
0x852
8
R
0x80
0xFF
CAN0
—
—
—
MSMR
Mailbox Search Mode Register
0x853
8
R/W
0x00
0xFF
CAN0
—
—
—
TSR
Time Stamp Register
0x854
16
R
0x0000
0xFFFF
CAN0
—
—
—
AFSR
Acceptance Filter Support Register
0x856
16
R/W
0x0000
0x0000
CAN0
—
—
—
TCR
Test Control Register
0x858
8
R/W
0x00
0xFF
IIC0-1
—
—
—
ICCR1
I2C Bus Control Register 1
0x00
8
R/W
0x1F
0xFF
IIC0-1
—
—
—
ICCR2
I2C Bus Control Register 2
0x01
8
R/W
0x00
0xFF
IIC0-1
—
—
—
ICMR1
I2C Bus Mode Register 1
0x02
8
R/W
0x08
0xFF
IIC0-1
—
—
—
ICMR2
I2C Bus Mode Register 2
0x03
8
R/W
0x06
0xFF
IIC0-1
—
—
—
ICMR3
I2C Bus Mode Register 3
0x04
8
R/W
0x00
0xFF
IIC0-1
—
—
—
ICFER
I2C Bus Function Enable Register
0x05
8
R/W
0x72
0xFF
IIC0-1
—
—
—
ICSER
I2C Bus Status Enable Register
0x06
8
R/W
0x09
0xFF
IIC0-1
—
—
—
ICIER
I2C Bus Interrupt Enable Register
0x07
8
R/W
0x00
0xFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 99 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com