Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 23Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 24Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 25Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TLE5041plusC
Specification
dBlimit[mT], f=1kHz
dBlimit[mT], Tj=25°C
0,30
0,30
0,25
0,25
0,20
0,20
0,15
0,15
0,10
0,10
‐40
0
40
80
120
160
1
10
100
1000
10000
Tj [°C]
f[Hz]
Figure 16
Magnetic Threshold dBLimit = f(T) (left), Magnetic Threshold dBLimit = f(f) (right)
dBlimit [mT], Tj=170°C
0,30
0,25
0,20
0,15
0,10
1
10
100
1000
10000
f [Hz]
Figure 17
Magnetic Threshold dBLimit = f(f)
Data Sheet
22
V 1.2, 2018-01-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com