Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 6Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 7Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 8Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 9Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 10Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ESD
PMU
VDD
Current
Main-
Modulator
Comparator
Bandgap-
Biasing
async logic
hys.-ctrl
GMR1
GMR3
Pre-Amplifier
Left
Right
LP-
+/-
Filter
Tracking-
ADC
GMR4
GMR2
GND
Left
Right
Offset-DAC
Oscillator
Fuses
dB
14mA
dB_limit
7mA
dB_limit
TLE5041plusC
Functional Description
2.4
Block Diagram
The device is supplied internally by a voltage regulator within the PMU. An on chip oscillator serves as clock
generator for the digital part of the circuit.
The TLE5041plusC incorporates two GMR sensing elements spaced at 2mm. The signal path is comprised of a
differential amplifier, a noise limiting low pass filter and two comparators. An offset cancellation loop is in place to
compensate magnetic and electric offsets. The regulation loop consists of a tracking A/D converter, the digital core
to evaluate the offset and the offset DAC to feed in the corrective voltage.
The current interface is triggered by the main comparator.
Figure 3
TLE5041plusC block diagram
The device can be in one of two operating modes, namely uncalibrated mode or calibrated mode. The term
calibration is related to the offset correction algorithm. The device starts up in uncalibrated mode. Most
performance parameters will not be guaranteed in this mode. While the magnet moves, the device observes the
magnetic input and adjusts for signal offsets. After a few periods the offset is calibrated and the device operates
with its full performance.
To prevent unwanted switching, the changes below a certain value dB
Limit are not considered to switch the output.
Figure 4
Differential amplitude and threshold dB
limit
Data Sheet
10
V 1.2, 2018-01-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com