Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TLE5041plusC
Specification
3.4
Characteristics
All parameters are related to the application test circuit shown in Figure 10.
Figure 10
Test circuit for the TLE5041plusC
3.4.1
Electrical Parameters
The indicated electrical parameters apply over operating range, unless otherwise specified. The magnetic input is
assumed sinusoidal with constant amplitude and offset. Typical values are at VDD = 12V and TA = 25°C.
Table 4
Electrical parameters
Parameter
Note / Test Condition
Supply current - initial
initial state is low
Supply current - output low
Supply current - output high
Supply current ratio
kI = IHIGH / ILOW
Output current slew rate
1)
RM = 75 Ω, RM = 30 Ω
Line regulation
2)
dIX / dVDD, quasi static
Power on time
2) 3)
time required for stable IINIT
Magnetic edges required for
5
th edge correct
offset calibration 2) 4)
Number of edges in
uncalibrated mode
2)
Number of edges supressed
2)
after power-on or reset
Magnetic edges required for
after power-on or reset
first output pulse
2) 5)
Systematic phase error of
Systematic phase error of “uncal”
output edges during start-up
edge; nth vs. n + 1th edge (does not
and uncalibrated mode 2)
include random phase error)
Phase shift change during
dB
X > 4 x dBStartup_X
transition from uncalibrated to
dB
X < 4 x dBStartup_X
calibrated mode
2)
Max. permissible change of
Within one signal period, assumig
signal offset with time2)6)
sinusoidal input signal
Initial calibration delay time 2)7)
min-max detection starts after this
time, additional to t
POR
Switching delay time
2)8)
dB
X ≥ 1mT
Data Sheet
16
V 1.2, 2018-01-18
Symbol
Values
Unit
Min.
Typ.
Max.
IINIT
5.9
7
8.4
mA
ILOW
5.9
7
8.4
mA
IHIGH
11.8
14
16.8
mA
kI
1.9
2.1
2.3
SRr, SRf 8
24
mA/µs
SL
90
µA/V
tPOR
100
µs
nstart
4
n
uncalib
4
n
supressed
0
n
first_pulse
1
2
Φ
uncalib
-90
+90
°
∆Φ
switch
-45
-90
+45
+90
°
dBX_Offset
10
%
t
d, input
120
300
µs
t
D
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com