Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 23Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 24Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 25Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 26Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 27Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 28Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TLE5041plusC
Specification
3.5.1
ISO 7637-2:2011 and ISO 16750-2:2010
Refer to EMC test circuit; dBx= 2mT (amplitude of sinus signal); VDD= 13.5V, fMAG= 100Hz; T=25°C
Table 8
Conducted pulses along supply lines
Test Pulse
Status
TP1
1)
C / A (after stress)
TP2a
1)
C
TP2b
2)
C
TP3a
1)
A
TP3b
1)
A
TP4
3)
C
TP5a
3)
C
TP5b
4)
C
1) according to ISO 7637-2:2011
2) according to ISO 7637-2:2004
3) according to ISO 16750-2:2010
4) According to ISO 16750-2:2010. A central load dump of 42V is used. Us = 42 V - 13.5 V.
3.5.2
ISO 7637-3:2007
Refer to EMC test circuit; dB
x= 2mT (amplitude of sinus signal); VDD= 13.5V, fMAG= 100Hz; T=25°C
Table 9
Pulses by capacitive coupling on signal lines
Test Pulse
Status
TP3a
A
TP3b
A
3.5.3
ISO 11452-3:2004
Refer to EMC test circuit; dBx= 2mT (amplitude of sinus signal); VDD= 13.5V, fMAG= 100Hz; T=25°C
Table 10
Radiated immunity
Parameter
Remark
EMC field strength
AM (80%, 1kHz)
Data Sheet
25
V 1.2, 2018-01-18
Symbol
Level/Typ
VEMC
IV / -150V
IV / 112V
- / 10V
IV / -220V
IV / 150V
IV / -7V
IV / 86.5V
Us*= 28.5V
Symbol
Level/Typ
V
EMC
IV / -220 V
IV / 150V
Symbol
Level/Typ
ETEM-Cell
IV / 250 V/m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com