Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TLE5041plusC
Specification
Figure 12
Period jitter definition is valid for measurement on rising-to-rising or falling-to-falling edge
3.4.2
Magnetic Input Characteristics
All magnetic input values specified at constant sinusoidal amplitude and constant offset over operating range,
unless otherwise specified. Magnetic values are referred to the location at the silicon surface. Typical values are
related to VDD = 12V and TA = 25°C.
Table 5
Magnetic input values
Parameter
Notes
Threshold limit
1) 2) 3)
1 Hz < f
MAG < 5000 Hz,
BY < 0.15 mT, Bext_XYZ =
0mT
Start-up threshold peak to peak value3)
1 Hz < f
MAG < 5000 Hz,
4)
B
Y < 0.15 mT, Bext_XYZ = 0
mT
Internal offset drift
3)
1) Refer to Figure 6 “Offset calibration of TLE5041plusC” on Page 11. dB
Limit_X is a 99% criteria, calculated out of
measured sensitivity.
2)Threshold limit dBLimit_X is increased by 25% under influence of an in-plane magnetic induction perpendicular to
the sensitive direction (refer to Chapter 3.3 “Operating Range” on Page 15 of B
ext_XYZ).
Note: In typical encoder wheel applications, at large air gaps where dB
X is as low as dBLimit_X, the in-plane
magnetic induction perpendicular to the sensitive direction BY is smaller than 0.15mT.
3) Not subject to production test, verified by design/characterisation
4) dB
Startup_X is the minimum DNC at start-up.
Data Sheet
18
V 1.2, 2018-01-18
Symbol
Values
Unit
min.
typ.
max.
dB
Limit_X
0.1
0.18
0.3
mT
dB
Startup_X
0.2
0.36
0.6
mT
dBX_Drift
0
0.1
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com