Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TLE5041plusC
Specification
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the
TLE5041plusC.
All parameters specified in the following sections refer to these operating conditions, unless otherwise noted.
Table 3
Operating range
Parameter
Note / Test Condition
Supply voltage
1)
Supply voltage modulation
2)
V
DD = 13 V, 0 < fmod < 150 kHz
Operating junction temperature
limited to 10000 h
limited to 5000 h
limited to 2500 h
limited to 500 h
Junction temperature variation
3) 4)
no unwanted or missing pulses
Magnetic induction amplitude at
T
J = 25 °C
each GMR element
4) 5)
Differential magnetic induction
4) 5)
T
J = 25 °C
Static differential magnetic pre-
induction
4)
Dynamic and static homogeneous
In calibrated mode. Same field at
external disturbance fields 4)
both probes, no unwanted pulses
Magnetic signal frequency 4)
1) Directly at the sensor pins, not including the voltage drop at R
M.
2) Sinusoidal shape of supply voltage variation.
3) Junction temperature change homogenously distributed on the die, equal change at both iGMR sensing elements.
4) Not subject to production test, verified by design/characterisation.
5) Consider magnetic induction temperature coefficient of -0.18 %/K.
Data Sheet
15
V 1.2, 2018-01-18
Symbol
Values
Unit
Min.
Typ.
Max.
V
DD
4.5
20
V
V
AC
6
Vpp
T
j
either
-40
125
°C
or
-40
150
°C
or
-40
160
°C
or
-40
170
°C
T
j_var
-20
20
K/s
B
X
-75
75
mT
dB
X
-150
150
mT
dB
Xoffset
-2
2
mT
Bext_XYZ -2
2
mT
f
MAG
1
5000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com