Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
TLE5041plusC
Specification
3.4.2.1
Operating area for Period Jitter S
jit1
It has to be ensured that the operating location of the sensor is selected in accordance to BX_Area and BY_Area
referring to Table 6. The operating location is defined by air gap and displacement in Y direction. Therefore the
project specific encoder wheel parameters have to be characterized.
Air Gap
Limit threshold dBLimit_X
BX = 1mT
Operating area
with lowperiod
jitter Sjit1
Combinations of BXArea and
BYArea:
BXArea
The specification of Sjit1
is not valid in these
areas.
BYArea
BYArea
Encoder Wheel (Example)
Axis of rotation
0
Displacement (Y-direction)
Figure 13
Operating area for period jitter S
jit1
Marked areas are defined by a combination of BY and BX field components. Table 6 shows field amplitudes (field
offsets are not considered) related to these areas.
In most cases the areas marked in figure Figure 13 are at low air gaps, close to the pole wheel.
Table 6
Magnetic induction area where period jitter exceeds Sjit1
Parameter
Notes
Magnetic induction area in X-direction
1)
in combination with B
Y_Area
Magnetic induction area in Y-direction
1)
in combination with B
X_Area
1) Not subject to production test. Verified by characterisation.
The sequence to find the areas marked in Figure 13 is:
•
The encoder wheel magnetic field shall be characterised (measurement of B
X and BY at the sensor location).
•
Is the amplitude of the magnetic induction BX between the minimum and maximum value of BX_Area?
– If the answer is NO: no further action required
– If the answer is YES: For low jitter S
jit1 the magnetic field at the sensor location shall not have a value
between the minimum and maximum value of BY_Area
Data Sheet
19
V 1.2, 2018-01-18
Symbol Values
Unit
min.
max.
B
X_Area
2.9
10
mT
B
Y_Area
0.7
2.9
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com