Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 9Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 10Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TLE5041plusC
VDD
GND
ECU_VDD
Uout
30
Ω - 75Ω
ECU_GND
TLE5041plusC
Specification
3
Specification
3.1
Application Circuit
TLE5041plusC is designed to operate with a minimum amount of external components as shown in Figure 9.
Refer to Figure 9 for the recommended application circuit with reverse bias protection, over voltage protection and
EMC capacitors. Component values depend on the application.
Inserting a 10
Ω resistor in the V
DD path (R1) causes some additional voltage drop, limiting the maximum current
through diode D2, adding to the overall circuits robustness. Increasing R1 further reduces supply voltage
headroom.
Figure 8
Basic application circuit
Figure 9
Advanced application circuit including protection and EMC components
Data Sheet
13
V 1.2, 2018-01-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com