Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 4Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 5Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 6Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 7Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 8Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 9Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 10Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TLE5041plusC
Functional Description
2
Functional Description
The integrated GMR sensor detects differential magnetic fields in x-direction. Two iGMR sensing elements are
arranged at a distance of 2mm. Their output signals are processed differentially. To detect the motion of objects
the magnetic field must be provided by a magnetized encoder wheel mounted on the rotating axis.
Magnetic offsets and device offsets are cancelled by a self-calibration algorithm. Self-calibration is done after start
up and requires only a short history of magnetic input. After calibration switching occurs exactly at the zero
crossing for sinusoidal signals or generally speaking the arithmethical mean of any magnetic input signal.
Switching is indicated by a high or low supply current level.
2.1
General
The sensor is sensitive to magnetic field gradients in x direction. In Figure 1 the typical placement of the
TLE5041plusC facing a magnetic encoder wheel is shown. The figure also indicates the coordinate system, which
is valid throughout this document. Other sensor positions and encoder wheels are possible, the coordinate system
is therefore related to the sensor. The iGMR structures (sensitive areas) are located at the front side of the
package which is marked.
Magnetic encoder wheel
rotation = X-motion
Y
N S N
S N
X
Sensor location
N S N
S N
X
„air-gap“
z-distance
Sensing elements face the
Z
marked package front
Figure 1
Side read placement of the TLE5041plusC besides a magnetic encoder wheel
Data Sheet
8
V 1.2, 2018-01-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com