Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 23Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 24Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TLE5041plusC
Specification
3.4.3
Typical Diagrams (measured performance)
ILow , IHigh [mA]
IHigh / ILow
15
2,3
14
2,2
13
12
2,1
11
10
2,0
9
8
1,9
7
6
1,8
‐40
0
40
80
120
160
‐40
0
40
80
120
160
Tj [°C]
Tj [°C]
Figure 14
Supply Current =
f(T) (left), Supply Current Ratio I
High / ILow = f(T) (right)
Slewrate [mA/µs]
24
22
20
18
16
14
12
10
8
‐40
0
40
80
120
160
Tj [°C]
Figure 15
Slew Rate =
f(T), RM = 75 Ω
Data Sheet
21
V 1.2, 2018-01-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com