Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 23Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 24Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 25Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 26Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 27Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 28Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 29Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 30Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Front side
Back side
iGMR elements
TLE5041plusC
Package Information
4
Package Information
Pure tin plating (green lead plating) is used with the plastic single small outline package PG-SSO-2-53. The
product complies to restrictions of hazardous substances (RoHS) when marked with the letter G in front or after
the date code. Additionally it shows a data matrix on the back side of the package.
4.1
Package Parameters
Table 11
Package parameters
Parameter
Notes
Thermal Resistance
Junction-to-Air 1)
Lead Frame
material K62 (UNS:C18090)
Lead pull out Force
for each lead 2)
1) According to Jedec JESD51-7
2) according to IEC 60068-2-21 (fifth edition 1999-1)
4.2
Bending for assembly
By following our package handling and assembly recommendation remarks for Sensor-packages the sensor
terminals can be bent without causing incipient cracks influencing the sensor element function. Please contact
your local Infineon application support.
4.3
Package surface to silicon
The distance from the package surface to the surface of the silicon chip d = 0.3 mm ± 0.08 mm.
Figure 20
Distance from package surface to silicon (=sensing element)
Data Sheet
26
V 1.2, 2018-01-18
Symbol Limit Values
Unit
min.
typ. max.
R
thJA
190
K/W
CuSn1CrNiTi
F
PO
10
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com