Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 19Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
I
t
r
t
f
I
high
90%
50%
10%
t
1
I
low
T
t
TLE5041plusC
Specification
Table 4
Electrical parameters
Parameter
Note / Test Condition
Duty cycle
2)
dB
X ≥ 2 mT, Bext_XYZ = 0 mT,
differential offset jumps are not
considered9)
Period Jitter 2) 10)
± 3
σ value of period T
-10 °C
≤ T
j ≤ 80 °C
dBX ≥ 1 mT
100 Hz
≤ f
MAG ≤ 1000 Hz,
B
ext_XYZ = 0 mT, valid in the operating
area described in Chapter 3.4.2.1
± 3
σ value of period T
-40 °C
≤ T
j ≤ 150 °C
dB
X ≥ 1 mT
1 Hz
≤ f
MAG ≤ 2500 Hz, B
11)
ext_XYZ <
0.15 mT
± 3
σ value of period T
-40 °C
≤ T
j < 170 °C
dB
X ≥ 1 mT
1 Hz
≤ f
MAG ≤ 5000 Hz, B
11)
ext_XYZ <
0.15 mT
Time allowed for edge to
exceed dB
X_Startup
2)
Watchdog reset time
2)
1) Refer to Figure 11
2) Not subject to production test, verified by design/characterisation.
3) V
DD ≥ 4.5V.
4)
One magnetic edge is defined as a monotonic signal change of more than 0.6 mT.
5) A loss of edges may occur at high frequencies.
6) Percentage of amplitude
7) Occurrence of initial calibration delay time t
d, input: if there is no input signal change (e.g. at vehicle halt) a new initial
calibration is triggered each t
WD_reset according to Chapter 2.4.3. This calibration has a duriation of td, input. During this
calibration time no input signal change is detected.
8) Internal signal propagation delay time between magnetic input signal and electrical output signal in calibrated mode.
9) During fast offset alterations, due to the calibration algorithm, exceeding the specified duty cycle is permitted for short time
periods.
10) Refer to Figure 12
11) Verified by design
Figure 11
Slew Rate definition
Data Sheet
17
V 1.2, 2018-01-18
Symbol
Values
Unit
Min.
Typ.
Max.
DC
40
50
60
%
S
jit1
± 0.3
%
Sjit2
± 2
%
S
jit3
± 3
%
590
ms
t
WD_reset
590
848
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com