Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 20Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 21Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 22Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 23Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 24Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 25Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 26Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 27Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
TLE5041plusC
Specification
3.4.4
Electrostatic discharge protection
Characterized according to Human Body Model (HBM) test in compliance with EIA/JESD22-A114-B HBM (covers
MIL STD 883D)
Table 7
ESD protection
Parameter
Notes
ESD voltage
Method AEC-Q100 (1.5 k
Ω, 100 pF)
ESD voltage
Method ANSI/ESD SP5.3.2-2008
3.5
Electro Magnetic Compatibility (EMC)
The device is characterized according to the IC level EMC requirements described in the “Generic IC EMC Test
Specification” Version 1.2 from 20071).
Additionally component level EMC characterizations according to ISO 7637-2:2011, ISO 7637-3:2007 and ISO
16750-2:2010 regarding pulse immunity and CISPR 25 (2009-01) Ed. 3.0 regarding conducted emissions are
performed.
Note: Characterization of electromagnetic compatibility is carried out on sample base. Not all specification
parameters can be monitored during EMC exposure. Only functional parameters, e.g., switching current and
duty cycle have been monitored.
Figure 19 outlines all needed external components to operate the DUT under application conditions. The
(additional) outlined components can effect the final EMC result. They are treated as inherent part of the DUT
during component level EMC characterizations.
Figure 19
EMC test circuit for the TLE5041plusC
1) The document is available online at http://www.zvei.org/Verband/Publikationen/Seiten/Generic-IC-EMCTest-
Specification-english.aspx.
Data Sheet
24
V 1.2, 2018-01-18
Symbol
Values
Unit
min.
max.
V
HBM
±12
kV
V
SDM
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com