Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 8Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 9Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 10Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Ihigh
Ilow
VDD*
Vrel
Vhys
Vres
Vhys = Vrel - Vres
*direct on pins
TLE5041plusC
Functional Description
2.4.2
Calibrated Mode
In calibrated mode the output will switch at zero-crossing of the input signal. Oscillations of the Offset DAC are
avoided by switching into a low-jitter mode. Signals below a defined threshold d
Β
Limit do not trigger the current
interface to avoid unwanted output switching. Offset determination is done continuously in calibrated mode.
The phase shift between input and output signal is no longer determined by the ratio between digital noise constant
and signal amplitude. Therefore a sudden change in the phase shift may occur during the transition from
uncalibrated to calibrated mode.
2.4.3
Behavior at Magnetic Input Signals Slower than fmag < 1Hz
Magnetic changes exceeding dBstartup can cause output switching of the TLE5041plusC even at fmag significantly
lower than 1 Hz. Depending on their amplitude edges slower than
Δt
startup might be detected. If the digital noise
constant (dB
startup) is not exceeded before Δtstartup a new initial self-calibration is started. In other words dBstartup
needs to be exceeded before
Δt
startup. Output switching strongly depends on signal amplitude and initial phase.
2.4.4
Undervoltage behavior
The voltage supply comparator has an integrated hysteresis V
hys with the maximum value of the release level Vrel
< 4.5V. This determines the minimum required supply voltage VDD of the chip. A minimum hysteresis V
hys of 0.7V
is implemented thus avoiding a toggling of the output when the supply voltage VDD is modulated due to the
additional voltage drop at RM when switching from low to high current level and VDD = 4.5V (designed for use with
R
M ≤ 75Ω).
Figure 7
Undervoltage behavior
Data Sheet
12
V 1.2, 2018-01-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com