Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5041PLUSC Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 10Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 12Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 13Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 14Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 15Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 16Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 17Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
TLE5041plusC
Specification
3.2
Absolute Maximum Ratings
If not indicated otherwise, absolute maximum ratings are valid at Tj = -40°C to 150°C and 4.5V ≤ VDD ≤ 20V.
Table 2
Absolute maximum ratings
Parameter
Note / Test Condition
Supply voltage
Tj < 80 °C
t = 10 * 5 min.
t = 10 * 5 min., including voltage
drop over R
M ≥ 30 Ω
30 min. @ T
j = 25±5°C
t
≤ 400 ms, including voltage
drop over R
M ≥ 30 Ω
Reverse polarity voltage
with current limitation I
rev
Reverse polarity current
t < 4 h, external current
limitation required
t < 1 h, external current
limitation required
Junction temperature
1)
limited to 10000 h
limited to 5000 h
limited to 2500 h
limited to 500 h
t = 4 h, VDD < 16.5 V
limited to 30000 h
Power-on cycles
Passive life time
1)
Tj ≤ 50 °C, VDD = 0 V
Maximum magnetic induction
Tj = 25 °C
over lifetime 2)
Tj = 25 °C
Tj = 25 °C
1) This life time statement is an anticipation based on extrapolation of Infineon qualification test results. The actual life time
of a component depends on its form of application and type of use etc. and may deviate from such a statement. The life
time statement shall in no event extend the agreed warranty period.
2) Conversion: B = µ
0 * H, µ0 = 4 * π * 10
-7 mT/A
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Data Sheet
14
V 1.2, 2018-01-18
Symbol
Values
Unit
Min.
Typ.
Max.
VDD
-0.3
V
20
V
22
V
24
V
24
V
27
V
V
rev
-22
V
I
rev
200
mA
300
mA
Tj
either
-40
125
°C
or
-40
150
°C
or
-40
160
°C
or
-40
170
°C
additional
190
°C
additional -10
60
°C
npo
500.000
times
LTpassive
15
a
BX
-300
300
mT
BY
-300
300
mT
BZ
-1000
1000
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com