Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 24Page - Texas Instruments TMP139AIYAHR Datasheet HTML 25Page - Texas Instruments TMP139AIYAHR Datasheet HTML 26Page - Texas Instruments TMP139AIYAHR Datasheet HTML 27Page - Texas Instruments TMP139AIYAHR Datasheet HTML 28Page - Texas Instruments TMP139AIYAHR Datasheet HTML 29Page - Texas Instruments TMP139AIYAHR Datasheet HTML 30Page - Texas Instruments TMP139AIYAHR Datasheet HTML 31Page - Texas Instruments TMP139AIYAHR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
except the byte with 7'h7E and R/W=0 after the Start or Repeated Start. The TMP139 calculates the PEC on the
data bytes that are sent to the host.
0xE0
T
T=1
S or Sr
1
1
1
1
1
1
0
ACK/NACK
R/W=0
Sr
0
SA
1
0
HID2
HID1
HID0
ACK/NACK
R/W=1
DEVCAP_MSB[7:0]
Sr or P
T=0
DEVCAP_LSB[7:0]
Figure 7-38. DEVCAP CCC Direct
0xE0
T
T=1
S or Sr
1
1
1
1
1
1
0
ACK/NACK
R/W=0
Sr
0
SA
1
0
HID2
HID1
HID0
ACK/NACK
R/W=1
Sr or P
T=0
PEC
T
PEC
T=1
DEVCAP_MSB[7:0]
DEVCAP_LSB[7:0]
Figure 7-39. DEVCAP CCC Direct with PEC
Table 7-7. DEVCAP Data Byte Description
Bit
Value
Comments
DEVCAP_MSB[7:3]
00000
Reserved
DEVCAP_MSB[2]
1
0 = No support for Timer Based Reset
1 = Timer Based Reset supported
DEVCAP_MSB[1:0]
00
Reserved
DEVCAP_LSB[7:0]
8'h00
Reserved
Note
TMP139 NACKs the DEVCAP CCC if the previous transaction has a parity or PEC error and the host
starts the transaction with a Repeated Start.
7.4.6.7 SETHID CCC
The SETHID CCC is issued by the host controller to the TMP139 to update the HID code of the device serial
address. The CCC takes effect after a Stop has been issued by the host controller. Once the SETHID is
received, the TMP139 shall update the MR7 register bits DEV_HID_CODE[2:0] to the value HID[2:0] as sent in
the CCC data payload when Stop bus condition is sent by the host.
0x61
T
S or Sr
1
1
1
1
1
1
0
ACK
R/W=0
0
0
0
0
HID2
HID1
HID0
0
T
Sr or P
Figure 7-40. SETHID CCC Broadcast
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com