Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 19Page - Texas Instruments TMP139AIYAHR Datasheet HTML 20Page - Texas Instruments TMP139AIYAHR Datasheet HTML 21Page - Texas Instruments TMP139AIYAHR Datasheet HTML 22Page - Texas Instruments TMP139AIYAHR Datasheet HTML 23Page - Texas Instruments TMP139AIYAHR Datasheet HTML 24Page - Texas Instruments TMP139AIYAHR Datasheet HTML 25Page - Texas Instruments TMP139AIYAHR Datasheet HTML 26Page - Texas Instruments TMP139AIYAHR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
S
0
SA
1
0
HID2
HID1
HID0
R/W=1
ACK/NACK
MDB = 0x0
MR51[7:0]
T=1
T=1
MR52[7:0]
P
T=0
Figure 7-23. IBI Payload Packet with PEC Disabled
If PEC is enabled, then after MR52 register value, the PEC byte is sent with the T-bit set as 0. Again, the host
must send a Stop condition on the bus.
S
0
SA
1
0
HID2
HID1
HID0
R/W=1
ACK/NACK
MDB = 0x0
MR51[7:0]
T=1
T=1
PEC
P
T=0
MR52[7:0]
T=1
Figure 7-24. IBI Payload Packet with PEC Enabled
When an IBI is asserted by the device and it successfully transmits the IBI, including the MDB, MR51, MR52 and
PEC (if PEC mode is enabled) bytes, the device shall automatically clear the IBI_STATUS bit in MR48 register.
7.4.6 Common Command Codes Support
The TMP139 supports a subset of the CCC as listed in the I3C basic specification and shown in Table 7-6. Only
CCC specified in the JESD302-1 are supported and the TMP139 shall either NACK unsupported CCC (if
possible) or ignore the actions when on a generic I3C bus. Similarly, for supported CCC—depending on whether
the TMP139 is in I2C or I3C mode—if a non-applicable CCC is sent, the device shall ignore the actions.
The TMP139 requires a Stop condition on the bus after receiving any CCC before it can process a device
specific read or write operation. Similarly, when processing a device specific read or write condition, a Stop on
the bus should follow before any CCC can be issued.
The TMP139 can receive a direct CCC with a Repeated Start condition after another direct CCC. Similarly, it is
valid to send a broadcast CCC following another broadcast CCC with a Repeated Start in between. In such a
case, the action taken by the device will only be updated following a Stop condition on the bus. The behavior of
TMP139 is not defined if a direct CCC is followed by a broadcast CCC or vice-versa with a Repeated Start. For
example, it is a legal combination in I2C mode to send a SETHID CCC, followed by a Repeated Start, then a
SETAASA CCC followed by a Stop condition. However, in I3C mode, sending a direct ENEC CCC followed by
Repeated Start and then a broadcast DEVCTRL CCC is not a valid condition for the TMP139. The host must
issue a Stop after ENEC CCC, before it sends a broadcast DEVCTRL CCC.
The CCC sent to the TMP139 may either be a broadcast code or a direct code. All CCC operations require the
host to send 7'h7E with R/W = 0, followed by the CCC and payload bytes specific to the CCC. For a direct CCC,
the host shall issue a Repeated Start on the bus after the CCC byte followed by the payload bytes.
Table 7-6. Supported CCC
CCC
Mode
Code
Description
Applicable in I2C Mode
Applicable in I3C
Mode
ENEC
Broadcast
0x00
Enable Event Interrupts
No
Yes
Direct
0x80
DISEC
Broadcast
0x01
Disable Event Interrupts
No
Yes
Direct
0x81
RSTDAA
Broadcast
0x06
Put the device in I2C mode
No
Yes
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com