Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 4Page - Texas Instruments TMP139AIYAHR Datasheet HTML 5Page - Texas Instruments TMP139AIYAHR Datasheet HTML 6Page - Texas Instruments TMP139AIYAHR Datasheet HTML 7Page - Texas Instruments TMP139AIYAHR Datasheet HTML 8Page - Texas Instruments TMP139AIYAHR Datasheet HTML 9Page - Texas Instruments TMP139AIYAHR Datasheet HTML 10Page - Texas Instruments TMP139AIYAHR Datasheet HTML 11Page - Texas Instruments TMP139AIYAHR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
VIH(MIN)
VIL(MAX)
VOH(MIN)
VOL(MAX)
SCL
SDA
tDOUT
tDOUT
Figure 6-5. I3C Basic Bus Output Timing Diagram
SDA
5 mm
50 Q
Figure 6-6. Output Slew Rate and Output Timing Reference Load
70% × V
OH
SDA
Delta t
F
30% × V
OH
Delta t
R
V
OH
V
OL
Figure 6-7. Output Slew Rate Measurement Points
6.9 Typical Characteristics
Temperature (qC)
-45
-25
-5
15
35
55
75
95
115
130
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
JEDEC Specification Limits
.
Figure 6-8. Temperature Error vs Temperature
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VDDIO = 1 V. VDDSPD = 1.8 V
Figure 6-9. Active Conversion Current vs
Temperature
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com