Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 5 Page - Texas Instruments

  TMP139AIYAHR Datasheet HTML 1Page - Texas Instruments TMP139AIYAHR Datasheet HTML 2Page - Texas Instruments TMP139AIYAHR Datasheet HTML 3Page - Texas Instruments TMP139AIYAHR Datasheet HTML 4Page - Texas Instruments TMP139AIYAHR Datasheet HTML 5Page - Texas Instruments TMP139AIYAHR Datasheet HTML 6Page - Texas Instruments TMP139AIYAHR Datasheet HTML 7Page - Texas Instruments TMP139AIYAHR Datasheet HTML 8Page - Texas Instruments TMP139AIYAHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
6.5 Electrical Characteristics
at TA = −40 °C to +125 °C, VDDIO = 0.95 V to 1.05 V and VDDSPD = 1.7 V to 1.98 V (unless noted); typical specification are at
TA = 25 °C, VDDIO = 1 V and VDDSPD =1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TEMPERATURE INPUT
TERR
Temperature Accuracy
+75 °C to +95 °C
±0.25
±0.5
°C
–40 °C to +125 °C
±0.25
±0.75
°C
TRES
Resolution
1 LSB (11-bit)
0.25
°C
TREPEAT
Repeatability(1)
1
LSB
tACT
Active conversion time
5.5
ms
tCONV
Conversion interval
125
ms
THYST
Temperature Hysteresis
1
°C
DIGITAL INPUT/OUTPUT
CIN
Input capacitance(2)
Input capacitance (SCL and SDA)
4
pF
RON
Output pullup and pulldown
driver impedance
SDA pin
20
100
Ω
ILI
Leakage input current
-1
0
1
µA
ILO
Leakage output current
-1
0
1
µA
VIL
Low-level input logic
–0.3
0.3
V
VIH
High-level input logic
0.7
1.35
V
VHYS
Input voltage hysteresis
SCL and SDA pins
60
100
mV
VOL
Low-level output logic
SDA pin, IOL = –3 mA
0
0.3
V
VOH
High-level output logic
SDA pin, IOH = 3 mA
0.75
V
SLEW_RATE
Output slew rate(2)
SDA pin
0.1
1.0
V/ns
POWER SUPPLY
IQ
Average current (serial bus
inactive)
125-ms conversion interval
4.7
10
µA
IDDR
Average current (read
operation)
125-ms conversion interval, fSCL = 12.5 MHz
34
µA
IDDW
Average current (write
operation)
125-ms conversion interval, fSCL = 12.5 MHz
30
µA
IACT
Active current
During 5.5-ms active conversion
92
140
µA
IDD1
Standby current
Between active conversion during continuous
conversion
0.6
4
µA
VPON
Power-on reset threshold
Monotonic rise between VPON and VDDSPD(MIN)
1.6
V
VPOFF
Power-off reset threshold for
warm power on cycle
No ringback above VPOFF
0.3
V
tINIT
Initialization time after
Power-on reset(2)
Figure 7-2
10.0
ms
tPOFF
Warm power cycle off time(2) Figure 7-3
1.0
ms
tSENSE_SA
Time from valid VDDSPD
supply to sense SA pin for
LID code assignment(2)
Figure 7-2
5.0
ms
tRST
Device reinitialization time(2)
(3)
40
µs
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(2)
Parameter is specified by design
(3)
Parameter is specified for RSTDAA Common Command Code
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com