Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 43Page - Texas Instruments TMP139AIYAHR Datasheet HTML 44Page - Texas Instruments TMP139AIYAHR Datasheet HTML 45Page - Texas Instruments TMP139AIYAHR Datasheet HTML 46Page - Texas Instruments TMP139AIYAHR Datasheet HTML 47Page - Texas Instruments TMP139AIYAHR Datasheet HTML 48Page - Texas Instruments TMP139AIYAHR Datasheet HTML 49Page - Texas Instruments TMP139AIYAHR Datasheet HTML 50Page - Texas Instruments TMP139AIYAHR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMP139 is used to measure the temperature of the memory components on a DIMM card. The TMP139
features an I2C and I3C bus, and there can be up to 2 devices on the bus as required by the DDR5 application.
As the TMP139 operates on the I3C bus, the device does not require an external pull up resistor on the SDA or
SCL pin.
8.2 Typical Application
TMP139
V
DD IO = 1.0V
V
DD SPD = 1.8V
SDA
SCL
V
DDIO
V
DDSPD
VSS
SA
TMP139
SDA
SCL
V
DDIO
V
DDSPD
VSS
SA
LSCL
LSDA
SPD Hub
Local Sideband Bus
Figure 8-1. Typical Connections
8.2.1 Design Requirements
The I3C bus does not require an external pullup resistor on the SDA pin as the pullup is embedded in the host
controller. The SCL pin is an input-only pin that is driven by the host controller in push-pull mode, and the pin
must be connected directly. The SA pin can only be connected to the VDDSPD or GND.
8.2.2 Detailed Design Procedure
Place the TMP139 devices in close proximity to the heat source that must be monitored with a proper layout for
good thermal coupling. The placement ensures that the temperature changes are captured within the shortest
possible time interval.
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com