Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 27Page - Texas Instruments TMP139AIYAHR Datasheet HTML 28Page - Texas Instruments TMP139AIYAHR Datasheet HTML 29Page - Texas Instruments TMP139AIYAHR Datasheet HTML 30Page - Texas Instruments TMP139AIYAHR Datasheet HTML 31Page - Texas Instruments TMP139AIYAHR Datasheet HTML 32Page - Texas Instruments TMP139AIYAHR Datasheet HTML 33Page - Texas Instruments TMP139AIYAHR Datasheet HTML 34Page - Texas Instruments TMP139AIYAHR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
Table 7-8. DEVCTRL CCC Command Definitions (continued)
Field
Description
Values
Action
REGMOD
Identifies if it is a
generic or specific
register access
0 = Generic Access
TMP139 understand the DEVCTRL DATA byte as generic data bytes
described in Table 7-9
1 = Register Access
TMP139 understand the DEVCTRL DATA byte as specific register
access bytes.
If PEC is disabled, the format used for specific register access is as
per Figure 7-11.
If PEC is enabled, the format used for specific register access is as
per Figure 7-13
Table 7-9. Generic Data Byte Format
DEVCTRL DATA Bit
Function
Values
Action
DEVCTRL DATA 0 [7]
PEC Enable
0 = Disable
MR18 register PEC_EN bit is updated
1 = Enable
DEVCTRL DATA 0 [6]
Parity Disable
0 = Enable
MR18 register PAR_DIS bit is updated
1 = Disable
DEVCTRL DATA 0 [5:0]
Reserved
Reserved
DEVCTRL DATA 1 [7:4]
Reserved
Reserved
DEVCTRL DATA 1 [3]
Global IBI Clear
0 = No action
MR27 register CLR_GLOBAL bit is updated
1 = Clear all events and
pending IBI
DEVCTRL DATA 1 [2:0]
Reserved
Reserved
DEVCTRL DATA 2 [7:0]
Reserved
Reserved
DEVCTRL DATA 3 [7:0]
Reserved
Reserved
Note
TMP139 NACKs the DEVCTRL CCC if the previous transaction has a parity or PEC error and the host
starts the transaction with a Repeated Start.
7.4.7 I/O Operation
The device comes up in the I2C mode of operation with an open-drain I/O for its interface. However, when the
device is in I3C mode, the I/O may be either open drain or push pull. The dynamic switching between open-drain
and push-pull mode is primarily meant to support In Band Interrupts (IBI). Table 7-10 describes the different
modes of operation for the I/O for each cycle.
Table 7-10. TMP139 Dynamic I/O Operation for I3C Mode
OPERATION
OPEN-DRAIN MODE PUSH-PULL MODE
Start + Device Address
Yes
No
Start + 7'h7E IBI Header Byte
Yes
No
REPEAT Start + Device Address
No
Yes
REPEAT Start + 7'h7E IBI Header Byte
No
Yes
CCC Bytes (after 7'h7E+R/W=0+ACK)
No
Yes
STOP
No
Yes
ACK/NACK Responses
Yes
No
Interrupt Request by TMP139 + Device Address
Yes
No
Command and address operations
No
Yes
IBI Payload
No
Yes
Write Data, T-bit sequence
No
Yes
Read Data, T-bit sequence
No
Yes
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com