Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 44Page - Texas Instruments TMP139AIYAHR Datasheet HTML 45Page - Texas Instruments TMP139AIYAHR Datasheet HTML 46Page - Texas Instruments TMP139AIYAHR Datasheet HTML 47Page - Texas Instruments TMP139AIYAHR Datasheet HTML 48Page - Texas Instruments TMP139AIYAHR Datasheet HTML 49Page - Texas Instruments TMP139AIYAHR Datasheet HTML 50Page - Texas Instruments TMP139AIYAHR Datasheet HTML 51Page - Texas Instruments TMP139AIYAHR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
8.2.3 Application Curves
Table 8-1 shows the curves for this application example.
Table 8-1. Table of Graphs
NAME
GRAPH
Temperature Error vs Temperature
Figure 6-8
Active Conversion Current vs Temperature
Figure 6-9
Average Current vs Temperature
Figure 6-10
Standby Current vs Temperature
Figure 6-11
Shutdown Current vs Temperature
Figure 6-12
Sampling Rate Change
Figure 6-13
9 Power Supply Recommendations
The TMP139 operates with dual supply pins. The supply VDDIO is used for the bus interface and operates in the
range of 0.95 V to 1.05 V. The pin VDDSPD is used as the supply for the core and operates in the range of 1.7 V
to 1.98 V. A power-supply bypass capacitor is required for precision and stability. Place these power-supply
capacitors as close to the supply and ground pins of the device as possible. A typical value of these supply
bypass capacitor is 0.01 µF. Applications with noisy or high-impedance power supplies can require a bigger
bypass capacitor to reject power-supply noise.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com