Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 26Page - Texas Instruments TMP139AIYAHR Datasheet HTML 27Page - Texas Instruments TMP139AIYAHR Datasheet HTML 28Page - Texas Instruments TMP139AIYAHR Datasheet HTML 29Page - Texas Instruments TMP139AIYAHR Datasheet HTML 30Page - Texas Instruments TMP139AIYAHR Datasheet HTML 31Page - Texas Instruments TMP139AIYAHR Datasheet HTML 32Page - Texas Instruments TMP139AIYAHR Datasheet HTML 33Page - Texas Instruments TMP139AIYAHR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
R/W = 0 after the Start or Repeated Start. If the CMD field indicates that there is only one byte to write, then the
optional register data must not be sent by the host.
0x62
T
S or Sr
1
1
1
1
1
1
0
ACK
R/W=0
ADDRMASK
[2]
STOFF SET
[1]
PECBL[1]
REGMOD
= 1
T
Sr or P
ADDRMASK
[1]
ADDRMASK
[0]
PECBL[0]
STOFF SET
[0]
DEV ADDR
0
T
REGISTER O FFSET
T
REGISTER DATA 1
T
OPTIONAL REGIS TER DATA 2
T
Figure 7-43. DEVCTRL CCC With REGMOD = 1 and PEC Disabled
0x62
T
S or Sr
1
1
1
1
1
1
0
ACK
R/W=0
ADDRMASK
[2]
STOFF SET
[1]
PECBL[1]
REGMOD
= 1
T
ADDRMASK
[1]
ADDRMASK
[0]
PECBL[0]
STOFF SET
[0]
DEV ADDR
0
T
T
T
T
T
Sr or P
PEC
T
REGISTER O FFSET
CMD
REGISTER DA TA 1
OPTIONAL REGIS TER DATA 2
W=0
0000
Figure 7-44. DEVCTRL CCC With REGMOD = 1 and PEC Enabled
Note
TMP139 NACKs the DEVCTRL CCC if the previous transaction has a parity or PEC error and the host
starts the transaction with a Repeated Start.
The Table 7-8 describes the definition of the command fields.
Table 7-8. DEVCTRL CCC Command Definitions
Field
Description
Values
Action
ADDRMASK[2:0]
Broadcast, multicast
or unicast selection
000 = Unicast
command
TMP139 matches the DEVADDR[6:0] field with its serial address .
011 = Multicast
command
TMP139 matches the DEVADDR[6:3] field with its LID code in the
serial address.
111 = Broadcast
command
TMP139 ignores the DEVADDR[6:0] and performs the required
action.
STOFFSET[1:0]
Start offset byte
00 = Byte 0
TMP139 identifies which byte is the first byte out of DEVCTRL DATA
0, DEVCTRL DATA 1, DEVCTRL DATA 2 and DEVCTRL DATA 3
and updates its register accordingly.
This field is valid only when REGMOD = 0.
01 = Byte 1
10 = Byte 2
11 = Byte 3
PECBL[1:0]
Identifies the burst
length for PEC byte
position
00 = 1 Byte
TMP139 identifies the position of the PEC byte after the DEVCTRL
DATA bytes are sent.
This field is valid only when REGMOD = 0 and PEC is enabled.
01 = 2 Byte
10 = 3 Byte
11 = 4 Byte
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com