Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 16Page - Texas Instruments TMP139AIYAHR Datasheet HTML 17Page - Texas Instruments TMP139AIYAHR Datasheet HTML 18Page - Texas Instruments TMP139AIYAHR Datasheet HTML 19Page - Texas Instruments TMP139AIYAHR Datasheet HTML 20Page - Texas Instruments TMP139AIYAHR Datasheet HTML 21Page - Texas Instruments TMP139AIYAHR Datasheet HTML 22Page - Texas Instruments TMP139AIYAHR Datasheet HTML 23Page - Texas Instruments TMP139AIYAHR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
7.4.4.4 Host I3C Read Operation with PEC
As shown in Figure 7-17 and Figure 7-18, when the PEC is enabled by the host, an additional byte is added by
the host after sending the register address. The format for the additional byte is described in Table 7-5. Since
only one and two byte reads are permitted by the CMD byte, the device shall terminate the read phase after
sending one byte of data and PEC byte or two byte of data and PEC byte, followed by the T-bit as 0. In an
unlikely case where the host sets the register address as 255, and attempts a read of two bytes, the device
result is not guaranteed.
S or Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
T
Data(RA)
...
Data(RA+N)
T=1
T=1
T=1
PEC
Sr or P
T=0
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=1
ACK/NACK
CMD
T
R=1
0
0
0
0
PEC
T
Figure 7-17. I3C Basic Mode Read with PEC enabled
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
T
Data(RA)
...
Data(RA+N)
T=1
T=1
T=1
PEC
Sr or P
T=0
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=1
ACK/NACK
S
1
1
1
1
1
1
0
R/W=0
ACK
CMD
T
R=1
0
0
0
0
PEC
T
Figure 7-18. I3C Basic Mode Read with PEC enabled and IBI Header
If the CMD value sent by the host is not valid for TMP139, the device shall NACK the read phase.
The TMP139 shall NACK the read phase of the transaction if there was a parity error in the write phase before
the Repeated Start. If the host attempts to start a new transaction with a Repeated Start to the same device,
then TMP139 shall NACK the device address to indicate an error condition to the host. The host must first clear
the parity error condition before performing any new transfer to the TMP139.
If there is a PEC error, then the TMP139 shall NACK the read phase of the transaction. If the host attempts to
start a new transaction with a Repeated Start to the same device, then TMP139 shall NACK the device address
to indicate an existing error condition to the host. The host must first clear the PEC error condition before
performing any new transfer to the TMP139.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com