Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 35Page - Texas Instruments TMP139AIYAHR Datasheet HTML 36Page - Texas Instruments TMP139AIYAHR Datasheet HTML 37Page - Texas Instruments TMP139AIYAHR Datasheet HTML 38Page - Texas Instruments TMP139AIYAHR Datasheet HTML 39Page - Texas Instruments TMP139AIYAHR Datasheet HTML 40Page - Texas Instruments TMP139AIYAHR Datasheet HTML 41Page - Texas Instruments TMP139AIYAHR Datasheet HTML 42Page - Texas Instruments TMP139AIYAHR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
7.6.8 MR19: Clear MR51 Temperature Status Command (address = 13h) [reset = 00h]
The MR19 register is written by the host to clear status for the temperature comparison after the most recent
conversion.
Return to Register Map.
Figure 7-54. MR19: Clear MR51 Temperature Status Command Register
7
6
5
4
3
2
1
0
Reserved
CLR_TS_CRI
T_LOW
CLR_TS_CRIT
_HIGH
CLR_TS_LOW
CLR_TS_HIGH
R-0h
R0-W1C
R0-W1C
R0-W1C
R0-W1C
Table 7-20. MR19: Clear MR51 Temperature Status Command Field Descriptions
Bit
Field
Type
Reset
Description
7:4
Reserved
R
0h
Reserved
3
CLR_TS_CRIT_LOW
R0-W1C 0
Clear temperature sensor critical low status
1 = Write '1' to clear MR51 TS_CRIT_LOW_STATUS bit
Writing a '0' has no effect on MR51 TS_CRIT_LOW_STATUS bit
2
CLR_TS_CRIT_HIGH
R0-W1C 0
Clear temperature sensor critical high status
1 = Write '1' to clear MR51 TS_CRIT_HIGH_STATUS bit
Writing a '0' has no effect on MR51 TS_CRIT_HIGH_STATUS
bit
1
CLR_TS_LOW
R0-W1C 0
Clear temperature sensor low status
1 = Write '1' to clear MR51 TS_LOW_STATUS bit
Writing a '0' has no effect on MR51 TS_LOW_STATUS bit
0
CLR_TS_HIGH
R0-W1C 0
Clear temperature sensor high status
1 = Write '1' to clear MR51 TS_HIGH_STATUS bit
Writing a '0' has no effect on MR51 TS_HIGH_STATUS bit
7.6.9 MR20: Clear MR52 Error Status Command (address = 14h) [reset = 00h]
The MR20 register is written by the host to clear error condition when the PEC checksum is incorrect or when
the last write from the host results in a parity error in the T-bit. This register is valid in I3C mode only.
Return to Register Map.
Figure 7-55. MR20: Clear MR52 Error Status Command Register
7
6
5
4
3
2
1
0
Reserved
CLR_PEC_ERR
OR
CLR_PAR_ERR
OR
R-00h
W1C
W1C
Table 7-21. MR20: Clear MR52 Error Status Command Field Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
00h
Reserved
1
CLR_PEC_ERROR
R0-W1C 0
Clear packet error status
1 = Write '1' to clear MR52 PEC_ERROR_STATUS bit
Writing a '0' has no effect on MR52 PEC_ERROR_STATUS bit
0
CLR_PAR_ERROR
R0-W1C 0
Clear parity error status
1 = Write '1' to clear MR52 PEC_ERROR_STATUS bit
Writing a '0' has no effect on MR52 PAR_ERROR_STATUS bit
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com