Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 10Page - Texas Instruments TMP139AIYAHR Datasheet HTML 11Page - Texas Instruments TMP139AIYAHR Datasheet HTML 12Page - Texas Instruments TMP139AIYAHR Datasheet HTML 13Page - Texas Instruments TMP139AIYAHR Datasheet HTML 14Page - Texas Instruments TMP139AIYAHR Datasheet HTML 15Page - Texas Instruments TMP139AIYAHR Datasheet HTML 16Page - Texas Instruments TMP139AIYAHR Datasheet HTML 17Page - Texas Instruments TMP139AIYAHR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
If the SA pin is connected to GND, then the serial address for the TMP139 is encoded as 7'b0010111. If the SA
pin is connected to VDDSPD, then the serial address is encoded as 7'b0110111.
7.4.3 I2C Mode Operation
The I2C mode of operation is the primary mode of operation when the device is powered up, goes through a bus
reset, or when a RSTDAA CCC is issued if the device is in I3C mode of operation. The maximum bus speed
supported in this mode is up to 1.0 MHz. In this mode of operation, the following are not supported:
1. IBI: If IBI is enabled during I3C basic mode, then switching to I2C mode shall disable the IBI enabling
mechanism. If there are device events that cause the generation of IBI, then the status of the events shall be
logged by the device in the respective register.
2. Packet Error Check: This feature is not supported. If the host attempts to write data with a PEC byte, then the
PEC byte shall be treated as a data byte and written to the register address in an incremental format.
3. Parity Error Check: The parity error check is not supported except for the CCC that are listed in Table 7-6.
In the I2C mode of operation, the TMP139 supports SETHID, DEVCTRL and SETAASA CCC, and data transfer
packets without PEC. Additionally, a Start or Repeated Start followed by 7'h7E with W = 0 is only allowed for the
purpose of issuing the supported CCCs. Any other operation involving a Repeated Start shall be considered
illegal.
7.4.3.1 Host I2C Write Operation
For I2C write operation, the host controller sends the device address with R/W bit as 0, after a Start or Repeated
Start as shown in Figure 7-6. This is followed by the 8-bit register address and then the data. The TMP139 writes
the data to the register address specified. The internal write register address pointer is incremented after every
data byte written. If the write results in an address rollover, then the device shall reset the internal write register
address pointer and continue the write operation if possible. The TMP139 does not NACK the data byte for
reserved or read-only register, but shall discard the data byte and not update the register.
S or Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
Data(RA)
Data(RA+1)
...
ACK
ACK
ACK
ACK
Data(RA+N)
Sr or P
ACK
Figure 7-6. I2C Write Operation
7.4.3.2 Host I2C Read Operation
For I2C read operation, the host controller sends the device address with R/W bit as 0, after a Start or repeated
start. This is followed by the 8-bit register address. Once the register address is available to the TMP139, the
host issues a Repeated Start and sends the device address with R/W bit as 1. At this point the device shall send
the data from the register address incrementally, till the host sends a NACK. If the read operation results in the
internal read register address pointer to rollover, then the TMP139 device behavior is not defined.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com