Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 40Page - Texas Instruments TMP139AIYAHR Datasheet HTML 41Page - Texas Instruments TMP139AIYAHR Datasheet HTML 42Page - Texas Instruments TMP139AIYAHR Datasheet HTML 43Page - Texas Instruments TMP139AIYAHR Datasheet HTML 44Page - Texas Instruments TMP139AIYAHR Datasheet HTML 45Page - Texas Instruments TMP139AIYAHR Datasheet HTML 46Page - Texas Instruments TMP139AIYAHR Datasheet HTML 47Page - Texas Instruments TMP139AIYAHR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
7.6.19 MR35: Temperature Sensor Critical Temperature Low Limit-High Byte Configuration (address =
23h) [reset = 00h]
The status flag for critical temperature low limit is set when the result of the temperature conversion is less than
the programmed value in the MR35 and MR34 registers. The application must ensure that the critical
temperature low limit registers must have a value lesser than the temperature low limit registers.
Return to Register Map.
Figure 7-65. MR35: Temperature Sensor Critical Temperature Low Limit-High Byte Configuration Register
7
6
5
4
3
2
1
0
TS_CRIT_LOW_LIMIT_HIGH[7:0]
R-0
R-0
R-0
RW-00h
Table 7-31. MR35: Temperature Sensor Critical Temperature Low Limit-High Byte Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TS_CRIT_LOW_LIMIT_HIGH[7:0]
RW
00h
High byte of the critical low limit temperature for the thermal
sensor.1
MR35 and MR34 together define the critical low limit
temperature for the thermal sensor.
1. The bits marked as R-0, shall not be updated when host writes 1 and shall read as 0.
7.6.20 MR48: Device Status (address = 30h) [reset = 00h]
The MR48 register provides the status of the IBI when the TMP139 is in I3C mode.
Return to Register Map.
Figure 7-66. MR48: Device Status Register
7
6
5
4
3
2
1
0
IBI_STATUS
Reserved
R-0
R-00h
Table 7-32. MR48: Device Status Field Descriptions
Bit
Field
Type
Reset
Description
7
IBI_STATUS
R
0
Device event In Band Interrupt (IBI) status.
0 = No pending IBI.
1 = Pending IBI.
6:0
Reserved
R
00h
Reserved
7.6.21 MR49: Current Sensed Temperature Low Byte (address = 31h) [reset = 00h]
The MR49 register, stores the lower 8-bits of the temperature output from the most recent conversion.
Return to Register Map.
Figure 7-67. MR49: Current Sensed Temperature Low Byte Register
7
6
5
4
3
2
1
0
TS_SENSE_LOW[7:0]
R-00h
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com